Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU1G00BMX1TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1G00BMX1TCG
Description  Single 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G00BMX1TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1G00BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1G00BMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
April, 2008 − Rev. 0
1
Publication Order Number:
NLU1G00/D
NLU1G00
Single 2-Input NAND Gate
The NLU1G00 MiniGate
t is an advanced high−speed CMOS
2−input NAND gate in ultra−small footprint.
The NLU1G00 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.5 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
VCC
IN B
IN A
OUT Y
GND
1
2
3
5
4
IN A
OUT Y
&
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
IN B
MARKING
DIAGRAMS
T
= Device Marking
M
= Date Code
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
TM
1
UDFN6
MU SUFFIX
CASE 517AA
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5NC
OUT Y
FUNCTION TABLE
L
L
H
H
AY
H
H
H
L
6VCC
Input
Output
B
L
H
L
H
1
1
1
ULLGA6
1.0 x 1.0
CASE 613AD
ULLGA6
1.2 x 1.0
CASE 613AE
ULLGA6
1.45 x 1.0
CASE 613AF
TM
TM
TM


Similar Part No. - NLU1G00BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NLU1G00AMUTCG ONSEMI-NLU1G00AMUTCG Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NLU1G00CMUTCG ONSEMI-NLU1G00CMUTCG Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NLU1G00MUTCG ONSEMI-NLU1G00MUTCG Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
More results

Similar Description - NLU1G00BMX1TCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com