Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX1G99CMX1TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX1G99CMX1TCG
Description  Configurable Multifunction Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G99CMX1TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLX1G99CMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 8Page - ON Semiconductor NLX1G99CMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 0
1
Publication Order Number:
NLX1G99/D
NLX1G99
Configurable Multifunction
Gate
The NLX1G99 MiniGate
t is an advanced high−speed CMOS
multifunction gate with a 3−state output. With the output enable input
(OE) at High, the output is disabled and is kept at high impedance.
With the output enable input (OE) at Low, the device can be
configured for logic functions such as MUX, AND, OR, NAND,
NOR, XOR, XNOR, INVERT and BUFFER, depending on the
combination of the 4−bit input. The device has Schmitt−trigger inputs,
thereby enhancing noise immunity.
The NLX1G99 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 6.7 ns (Max) @ VCC = 3.3 V
Low Power Dissipation:ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
PIN ASSIGNMENT
1
OE
2
A
3
B
4
GND
5
C
6
D
7
Y
8
VCC
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
(Top View)
OE
A
B
VCC
Y
D
PIN ASSIGNMENTS
MARKING
DIAGRAMS
AA or E = Specific Device Code
M
= Date Code
G
= Pb−Free Package
1
2
3
8
7
6
GND
C
4
5
1
ULLGA8
1.45 x 1.0
CASE 613AA
1
ULLGA8
1.6 x 1.0
CASE 613AB
1
ULLGA8
1.95 x 1.0
CASE 613AC
EM
AAM
G
AAM
G


Similar Part No. - NLX1G99CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G99 ONSEMI-NLX1G99 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NLX1G99 ONSEMI-NLX1G99 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
NLX1G99DMUTCG ONSEMI-NLX1G99DMUTCG Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NLX1G99DMUTCG ONSEMI-NLX1G99DMUTCG Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
NLX1G99DMUTWG ONSEMI-NLX1G99DMUTWG Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
More results

Similar Description - NLX1G99CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
   Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com