Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G00BMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLX2G00BMX1TCG
Description  Dual 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G00BMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLX2G00BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX2G00BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX2G00BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX2G00BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX2G00BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX2G00BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX2G00BMX1TCG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NLX2G00
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
TA 3 855C
TA = −555C to
+1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High−Level Input
Voltage
1.65
2.3 to 5.5
0.75 x
VCC
0.7 x
VCC
0.75 x
VCC
0.7 x
VCC
0.75 x
VCC
0.7 x
VCC
V
VIL
Low−Level Input
Voltage
1.65
2.3 to 5.5
0.25 x
VCC
0.3 x
VCC
0.25 x
VCC
0.3 x
VCC
0.25 x
VCC
0.3 x
VCC
V
VOH
High−Level
Output Voltage
VIN = VIH or VIL,
IOH = −100 mA
1.65 to 5.5
VCC
0.1
VCC
VCC
0.1
VCC
0.1
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
2.7
3.0
3.0
4.5
1.29
1.9
2.2
2.4
2.3
3.8
1.5
2.1
2.4
2.7
2.5
4.0
1.29
1.9
2.2
2.4
2.3
3.8
1.29
1.9
2.2
2.4
2.3
3.8
VOL
Low−Level
Output Voltage
VIN = VIH or VIL,
IOL = 100 mA
1.65 to 5.5
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.20
0.22
0.28
0.38
0.42
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
IIN
Input Leakage
Current
0 ≤ VIN ≤ 5.5 V
0 to 5.5
$0.1
$1.0
$1.0
mA
IOFF
Power−Off Input
Leakage Current
VIN = 5.5 V
0
1.0
10
10
mA
ICC
Quiescent Supply
Current
0 ≤ VIN ≤ 5.5 V
5.5
1.0
10
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns
Symbol
Parameter
VCC
(V)
Test Condition
TA = 255C
TA 3 855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay
Input A to Output
1.65 to 1.95
RL = 1 MW, CL = 15 pF
2.0
5.7
10.5
2.0
11.0
TBD
TBD
ns
2.3 to 2.7
RL = 1 MW, CL = 15 pF
1.2
3.2
5.3
1.2
5.7
TBD
TBD
3.0 to 3.6
RL = 1 MW, CL = 15 pF
0.8
2.4
3.7
0.8
4.0
TBD
TBD
RL = 500 W, CL = 50 pF
1.2
3.0
4.6
1.2
4.9
TBD
TBD
4.5 to 5.5
RL = 1 MW, CL = 15 pF
0.5
1.9
2.9
0.5
3.2
TBD
TBD
RL = 500 W, CL = 50 pF
0.8
2.4
3.6
0.8
3.9
TBD
TBD
CIN
Input Capacitance
5.5
VIN = 0 V or VCC
2.5
pF
CPD
Power Dissipation
Capacitance (Note 7)
3.3
5.5
10 MHz, VIN = 0V or
VCC
9
11
pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NLX2G00BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G02 ONSEMI-NLX2G02 Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
NLX2G02AMX1TCG ONSEMI-NLX2G02AMX1TCG Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
NLX2G02BMX1TCG ONSEMI-NLX2G02BMX1TCG Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
NLX2G02CMX1TCG ONSEMI-NLX2G02CMX1TCG Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
More results

Similar Description - NLX2G00BMX1TCG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com