Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSM21356DW6T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSM21356DW6T1G
Description  Dual Complementary Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSM21356DW6T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSM21356DW6T1G Datasheet HTML 1Page - ON Semiconductor NSM21356DW6T1G Datasheet HTML 2Page - ON Semiconductor NSM21356DW6T1G Datasheet HTML 3Page - ON Semiconductor NSM21356DW6T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
March, 2008 - Rev. 0
1
Publication Order Number:
NSM21356DW6/D
NSM21356DW6T1G
Dual Complementary
Transistors
General Purpose PNP Transistor and
NPN Transistors with Monolithic Bias
Network
NSM21356DW6T1G contains a single PNP transistor and a
monolithic bias network NPN transistor with two resistors; a series
base resistor and a base-emitter resistor. This device is designed to
replace multiple transistors and resistors on customer boards by
integrating these components into a single device.
NSM21356DW6T1G is housed in a SC-88/SOT-363 package which
is ideal for low power surface mount applications in space constrained
applications.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Q1: NPN BRT, R1 = R2 = 47 k
Q2: PNP
This is a Pb-Free Device
Applications
Logic Switching
Amplification
Driver Circuits
Interface Circuits
MAXIMUM RATINGS
(TA = 25°C unless otherwise noted)
Rating - Q1 (NPN BRT)
Symbol
Value
Unit
Collector‐Base Voltage
VCBO
50
Vdc
Collector‐Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Rating - Q2 (PNP)
Symbol
Value
Unit
Collector - Base Voltage
V(BR)CBO
-80
Vdc
Collector - Emitter Voltage
V(BR)CEO
-65
Vdc
Emitter - Base Voltage
V(BR)EBO
-5.0
Vdc
Collector Current - Continuous
IC
-100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
Q1
R1
R2
Q2
(1)
(2)
(3)
(4)
(5)
(6)
SC-88/SOT-363
CASE 419B
STYLE 1
1
6
MARKING DIAGRAM
N2 M
G
G
1
6
N2
= Device Code
M
= Date Code*
G
= Pb-Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
NSM21356DW6T1G
SC-88
(Pb-Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
*Date Code orientation and/or position may vary
depending upon manufacturing location.


Similar Part No. - NSM21356DW6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSM21156DW6T1G ONSEMI-NSM21156DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
More results

Similar Description - NSM21356DW6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSM21156DW6T1G ONSEMI-NSM21156DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
logo
Jiangsu Changjiang Elec...
CJ2045 JIANGSU-CJ2045 Datasheet
830Kb / 6P
   Dual 40V complementary transistors
logo
ON Semiconductor
NSB13211DW6T1G ONSEMI-NSB13211DW6T1G Datasheet
76Kb / 4P
   Dual Complementary Bias Resistor Transistors
March, 2008 - Rev. 0
logo
Diodes Incorporated
UMC5N DIODES-UMC5N Datasheet
290Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
UMC5NQ DIODES-UMC5NQ Datasheet
436Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
February 2017 Rev. 1 - 2
UMC4N DIODES-UMC4N Datasheet
293Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
UMC4NQ DIODES-UMC4NQ Datasheet
405Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
Rev. 1 - 2 February 2017
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
logo
Central Semiconductor C...
CMXT2207 CENTRAL-CMXT2207_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
CMXT3946 CENTRAL-CMXT3946_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com