Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSM46211DW6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSM46211DW6T1G
Description  Dual NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSM46211DW6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSM46211DW6T1G Datasheet HTML 1Page - ON Semiconductor NSM46211DW6T1G Datasheet HTML 2Page - ON Semiconductor NSM46211DW6T1G Datasheet HTML 3Page - ON Semiconductor NSM46211DW6T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NSM46211DW6T1G
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS - Q2 (NPN BRT) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
-
-
0.5
mAdc
Collector-Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 2)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
-
-
Vdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
hFE
35
60
-
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
-
-
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
-
-
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
-
-
Vdc
Input Resistor
R1
7.0
10
13
k
W
Resistor Ratio
R1/R2
0.8
1.0
1.2
2. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - NSM46211DW6T1G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
   NUMERIC DISPLAYS WITH INTEGRAL DRIVER
NSM4000A NSC-NSM4000A Datasheet
86Kb / 1P
   NUMERIC DISPLAYS WITH INTEGRAL DRIVER
logo
ON Semiconductor
NSM4002MR6 ONSEMI-NSM4002MR6 Datasheet
89Kb / 7P
   Dual NPN Transistors for Driving LEDs
May, 2015 ??Rev. 1
NSM4002MR6T1G ONSEMI-NSM4002MR6T1G Datasheet
89Kb / 7P
   Dual NPN Transistors for Driving LEDs
May, 2015 ??Rev. 1
logo
National Semiconductor ...
NSM4005A NSC-NSM4005A Datasheet
86Kb / 1P
   NUMERIC DISPLAYS WITH INTEGRAL DRIVER
More results

Similar Description - NSM46211DW6T1G

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMF24 JIANGSU-EMF24 Datasheet
249Kb / 4P
   Dual Transistors (NPNNPN)
logo
SeCoS Halbleitertechnol...
BC847BV SECOS-BC847BV_15 Datasheet
645Kb / 2P
   Dual NPN Transistors
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
logo
Jiangsu Changjiang Elec...
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com