Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS40302PDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS40302PDR2G
Description  Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40302PDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS40302PDR2G Datasheet HTML 1Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 2Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 3Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 4Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 5Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 6Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 7Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 8Page - ON Semiconductor NSS40302PDR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NSS40302PDR2G
http://onsemi.com
4
PNP ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−40
Vdc
Collector−Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−40
Vdc
Emitter−Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−7.0
Vdc
Collector Cutoff Current
(VCB = −40 Vdc, IE = 0)
ICBO
−0.1
mAdc
Emitter Cutoff Current
(VEB = −6.0 Vdc)
IEBO
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 5)
(IC = −10 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = −2.0 A, VCE = −2.0 V)
hFE
250
220
180
150
380
340
300
230
Collector−Emitter Saturation Voltage (Note 5)
(IC = −0.1 A, IB = −0.010 A)
(IC = −1.0 A, IB = −0.100 A)
(IC = −1.0 A, IB = −0.010 A)
(IC = −2.0 A, IB = −0.200 A)
VCE(sat)
−0.013
−0.075
−0.130
−0.135
−0.017
−0.095
−0.170
−0.170
V
Base −Emitter Saturation Voltage (Note 5)
(IC = −1.0 A, IB = −0.01 A)
VBE(sat)
−0.780
−0.900
V
Base −Emitter Turn−on Voltage (Note 5)
(IC = −0.1 A, VCE = −2.0 V)
VBE(on)
−0.660
−0.750
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
250
300
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
50
65
pF
SWITCHING CHARACTERISTICS
Delay (VCC = −30 V, IC = −750 mA, IB1 = −15 mA)
td
60
ns
Rise (VCC = −30 V, IC = −750 mA, IB1 = −15 mA)
tr
120
ns
Storage (VCC = −30 V, IC = −750 mA, IB1 = −15 mA)
ts
400
ns
Fall (VCC = −30 V, IC = −750 mA, IB1 = −15 mA)
tf
130
ns
5. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.


Similar Part No. - NSS40302PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40302PDR2G ONSEMI-NSS40302PDR2G Datasheet
98Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
May, 2015 ??Rev. 2
NSS40302PDR2G ONSEMI-NSS40302PDR2G_15 Datasheet
98Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
May, 2015 ??Rev. 2
More results

Similar Description - NSS40302PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40302PDR2G ONSEMI-NSS40302PDR2G_15 Datasheet
98Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
May, 2015 ??Rev. 2
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
   Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS40300MDR2G ONSEMI-NSS40300MDR2G Datasheet
112Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
May, 2008 ??Rev. 1
NSS40300MDR2G ONSEMI-NSS40300MDR2G_11 Datasheet
142Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 2
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSV60601MZ4T3G ONSEMI-NSV60601MZ4T3G Datasheet
110Kb / 6P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com