Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH287Z4-AE1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AH287Z4-AE1
Description  TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH287Z4-AE1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AH287Z4-AE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH287Z4-AE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
6
Magnetic Characteristics (TA=25°C)
Parameter
Symbol
Grade
Min
Typ
Max
Unit
A
10
50
B
5
70
Operating Point
BOP
C
100
Gauss
A
-50
-10
B
-70
-5
Releasing Point
BRP
C
-100
Gauss
Hysteresis
BHYS
70
Gauss
Test Circuit
N
S
Marking Side
DO
DOB
GND
C
CT
CT
(Front View)
1
2
3
4
AH287
820
R
L
2.2
µF
820
R
L
Power
Input
C
L
20pF
C
L
20pF


Similar Part No. - AH287Z4-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH287Z4-AE1 BCDSEMI-AH287Z4-AE1 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
More results

Similar Description - AH287Z4-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH478 BCDSEMI-AH478 Datasheet
255Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com