Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH287Z4-BE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AH287Z4-BE1
Description  TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH287Z4-BE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AH287Z4-BE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH287Z4-BE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1, TA=25°C)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Magnetic Flux Density
B
Unlimited
Gauss
Continuous
350
mA
Hold
550
mA
Output Current
Peak (Start Up)
IOUT
750
mA
Power Dissipation
PD
550
mW
Die to Atmosphere
θJA
227
°C/W
Thermal
Resistance
Die to Package Case
θJC
49
°C/W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-50 to 150
°C
ESD (Machine Model)
300
V
ESD (Human Body Model)
3000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (Note 2)
Parameter
Symbol
Min
Max
Unit
Supply Voltage*
VCC
3.5
18
V
Lock Protection and Automatic Restart
Voltage**
VLOCK
4.5
18
V
Ambient Temperature
TA
-20
85
°C
Note 2: When D1 (see Figure 12) is disconnected,
* the minimum startup voltage is 3.5V.
** the minimum operation voltage of lock protection and automatic restart is 4.5V.


Similar Part No. - AH287Z4-BE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH287Z4-BE1 BCDSEMI-AH287Z4-BE1 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
More results

Similar Description - AH287Z4-BE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH478 BCDSEMI-AH478 Datasheet
255Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com