Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NST857BF3T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NST857BF3T5G
Description  PNP General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NST857BF3T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NST857BF3T5G Datasheet HTML 1Page - ON Semiconductor NST857BF3T5G Datasheet HTML 2Page - ON Semiconductor NST857BF3T5G Datasheet HTML 3Page - ON Semiconductor NST857BF3T5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NST857BF3T5G
http://onsemi.com
3
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter Turn−On Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.3
0.4
0.5
0.6
0.8
0.9
1.0
0.1
0.01
0.001
0.0001
0.3
0.4
0.5
0.6
0.7
0.9
1.0
Figure 5. Saturation Region
Figure 6. Input Capacitance
Ib, BASE CURRENT (A)
Veb, EMITTER BASE VOLTAGE (V)
0.01
0.001
0.0001
0
0.1
0.2
0.4
0.5
0.7
0.9
1.0
4.0
2.0
1.0
0
4
5
6
8
9
Figure 7. Output Capacitance
Vcb, COLLECTOR BASE VOLTAGE (V)
30
25
20
15
10
5
0
0.5
1.0
2.0
3.0
4.0
0.7
IC/IB = 10
−55°C
25°C
150°C
0.8
VCE = 2.0 V
25°C
0.3
0.6
0.8
IC =
100 mA
50 mA
30 mA
10 mA
3.0
5.0
7
10
Cib
Cob
−55°C
150°C
0.00001
3
1.5
2.5
3.5
4.5


Similar Part No. - NST857BF3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
98Kb / 4P
   PNP General Purpose Transistor
July, 2012 ??Rev. 1
NST857BF3T5G ONSEMI-NST857BF3T5G_12 Datasheet
98Kb / 4P
   PNP General Purpose Transistor
July, 2012 ??Rev. 1
More results

Similar Description - NST857BF3T5G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com