Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRT5242B-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRT5242B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT5242B-G Datasheet(HTML) 3 Page - Comchip Technology

  CZRT5242B-G Datasheet HTML 1Page - Comchip Technology CZRT5242B-G Datasheet HTML 2Page - Comchip Technology CZRT5242B-G Datasheet HTML 3Page - Comchip Technology CZRT5242B-G Datasheet HTML 4Page - Comchip Technology CZRT5242B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Forward Voltage(V)
Fig.1 Typical forward voltage
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
1.1
0.9
0.7
0.5
RATING AND CHARACTERISTIC CURVES (
)
CZRT5221B-G Thru CZRT5267B-G
Fig.3 Temperature coefficents
Nominal zener voltage(V)
10
1
100
100
10
Fig.2 Typical leakage current
0
90
0.00001
20
30
50
60
80
70
40
10
0.0001
0.1
1000
0.001
0.01
100
10
1
Normal zener voltage(V)
0
0.6
0.4
0.3
0.2
0.1
0
175
125
100
75
50
25
Fig.4 Steady state power derating
Temperature(°C)
150
0.5
+150°C
+25°C
-55°C
TA = 25°C
SMD Zener Diode
SMD Diodes Specialist
COMCHIP
Page 3
REV:C
QW-BZ013
Comchip Technology CO., LTD.


Similar Part No. - CZRT5242B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRT5242B-HF COMCHIP-CZRT5242B-HF Datasheet
85Kb / 5P
   SMD Zener Diode
CZRT5242B-HF COMCHIP-CZRT5242B-HF Datasheet
117Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRT5242B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com