Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH477Z4-BG1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AH477Z4-BG1
Description  SINGLE PHASE HALL EFFECT LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH477Z4-BG1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AH477Z4-BG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
SINGLE PHASE HALL EFFECT LATCH
AH477
Typical Performance Characteristics (Continued)
Figure 8. BOP/BRP/BHYS vs.Supply Voltage
Figure 9. BOP/BRP/BHYS vs. Ambient Temperature
4
6
8
10
12
14
16
18
20
-100
-80
-60
-40
-20
0
20
40
60
80
100
V
CC (V)
B
OP
B
RP
B
HYS
T
A=25
oC
-20
-10
0
10
2030
40
5060
7080
-40
-30
-20
-10
0
10
20
30
40
50
60
70
T
A (
oC)
B
OP
B
RP
B
HYS
V
CC=14V
50
100
150
200
250
300
350
0
100
200
300
400
500
600
700
800
900
1000
I
O (mA)
V
SAT-up
V
SAT-down
T
A=25
oC
-20
0
20
40
60
80
0
100
200
300
400
500
600
700
800
900
1000
T
A (
oC)
driver
sink
I
O=200mA
Figure 10. VSAT vs. IO
Figure 11. VSAT vs. Ambient Temperature


Similar Part No. - AH477Z4-BG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH477Z4-BE1 BCDSEMI-AH477Z4-BE1 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
More results

Similar Description - AH477Z4-BG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com