Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP6412AN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP6412AN
Description  N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP6412AN Datasheet(HTML) 1 Page - ON Semiconductor

  NTP6412AN Datasheet HTML 1Page - ON Semiconductor NTP6412AN Datasheet HTML 2Page - ON Semiconductor NTP6412AN Datasheet HTML 3Page - ON Semiconductor NTP6412AN Datasheet HTML 4Page - ON Semiconductor NTP6412AN Datasheet HTML 5Page - ON Semiconductor NTP6412AN Datasheet HTML 6Page - ON Semiconductor NTP6412AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 0
1
Publication Order Number:
NTB6412AN/D
NTB6412AN, NTP6412AN
N-Channel Power MOSFET
100 V, 58 A, 18.2 mW
Features
Low RDS(on)
High Current Capability
100% Avalanche Tested
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage − Continuous
VGS
$20
V
Continuous Drain Cur-
rent RqJC
Steady
State
TC = 25°C
ID
58
A
TC = 100°C
41
Power Dissipation
RqJC
Steady
State
TC = 25°C
PD
167
W
Pulsed Drain Current
tp = 10 ms
IDM
240
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
58
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 Vdc, VGS = 10 Vdc,
IL(pk) = 44.7 A, L = 0.3 mH, RG = 25 W)
EAS
300
mJ
Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 Seconds
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain) Steady State
RqJC
0.9
°C/W
Junction−to−Ambient (Note 1)
RqJA
33
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 sq in pad size,
(Cu Area 1.127 sq in [2 oz] including traces).
http://onsemi.com
MARKING DIAGRAM
& PIN ASSIGNMENT
6412AN = Specific Device Code
G
= Pb−Free Device
A
= Assembly Location
Y
= Year
WW = Work Week
1
2
3
4
D2PAK
CASE 418B
STYLE 2
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
(Note 1)
100 V
18.2 mW @ 10 V
58 A
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
NTP
6412ANG
AYWW
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
NTB
6412ANG
AYWW
G
S
D
N−Channel


Similar Part No. - NTP6412AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP6412AN ONSEMI-NTP6412AN Datasheet
147Kb / 7P
   N-Channel Power MOSFET
January, 2012 ??Rev. 1
NTP6412ANG ONSEMI-NTP6412ANG Datasheet
147Kb / 7P
   N-Channel Power MOSFET
January, 2012 ??Rev. 1
NTP6412ANG ONSEMI-NTP6412ANG Datasheet
87Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 2
More results

Similar Description - NTP6412AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m廓
October, 2009 ??Rev. 0
NTB6410AN ONSEMI-NTB6410AN Datasheet
150Kb / 7P
   N-Channel Power MOSFET 100 V, 76 A, 13 m廓
December, 2009 ??Rev. 0
NTB6413AN ONSEMI-NTB6413AN Datasheet
149Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m廓
November, 2009 ??Rev. 1
NTD6415AN ONSEMI-NTD6415AN Datasheet
143Kb / 7P
   N-Channel Power MOSFET 100 V, 23 A, 55 m廓
November, 2009 ??Rev. 0
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTD6414AN ONSEMI-NTD6414AN Datasheet
142Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
   N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
FDMS8622 FAIRCHILD-FDMS8622 Datasheet
278Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com