Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB6413ANT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB6413ANT4G
Description  N-Channel Power MOSFET 100 V, 42 A, 28 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB6413ANT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTB6413ANT4G Datasheet HTML 1Page - ON Semiconductor NTB6413ANT4G Datasheet HTML 2Page - ON Semiconductor NTB6413ANT4G Datasheet HTML 3Page - ON Semiconductor NTB6413ANT4G Datasheet HTML 4Page - ON Semiconductor NTB6413ANT4G Datasheet HTML 5Page - ON Semiconductor NTB6413ANT4G Datasheet HTML 6Page - ON Semiconductor NTB6413ANT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
November, 2009 − Rev. 1
1
Publication Order Number:
NTB6413AN/D
NTB6413AN, NTP6413AN
N-Channel Power MOSFET
100 V, 42 A, 28 mW
Features
Low RDS(on)
High Current Capability
100% Avalanche Tested
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage − Continuous
VGS
$20
V
Continuous Drain
Current RqJC
Steady
State
TC = 25°C
ID
42
A
TC = 100°C
28
Power Dissipation
RqJC
Steady
State
TC = 25°C
PD
136
W
Pulsed Drain Current
tp = 10 ms
IDM
178
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
42
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 Vdc, VGS = 10 Vdc,
IL(pk) = 36.5 A, L = 0.3 mH, RG = 25 W)
EAS
200
mJ
Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 Seconds
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain) Steady State
RqJC
1.1
°C/W
Junction−to−Ambient (Note 1)
RqJA
35
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 sq in pad size,
(Cu Area 1.127 sq in [2 oz] including traces).
http://onsemi.com
MARKING DIAGRAM
& PIN ASSIGNMENT
6413AN = Specific Device Code
G
= Pb−Free Device
A
= Assembly Location
Y
= Year
WW = Work Week
1
2
3
4
D2PAK
CASE 418B
STYLE 2
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
(Note 1)
100 V
28 mW @ 10 V
42 A
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
NTP
6413ANG
AYWW
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
NTB
6413ANG
AYWW
G
S
D
N−Channel


Similar Part No. - NTB6413ANT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6413ANT4G ONSEMI-NTB6413ANT4G Datasheet
123Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3
NTB6413ANT4G ONSEMI-NTB6413ANT4G Datasheet
85Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 4
More results

Similar Description - NTB6413ANT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6413AN ONSEMI-NTB6413AN_12 Datasheet
123Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3
logo
Fairchild Semiconductor
FDT86102LZ FAIRCHILD-FDT86102LZ Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 6.6 A, 28 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
logo
ON Semiconductor
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m廓
October, 2009 ??Rev. 0
NTB6412AN ONSEMI-NTB6412AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com