Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP6413ANG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP6413ANG
Description  N-Channel Power MOSFET 100 V, 42 A, 28 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP6413ANG Datasheet(HTML) 3 Page - ON Semiconductor

  NTP6413ANG Datasheet HTML 1Page - ON Semiconductor NTP6413ANG Datasheet HTML 2Page - ON Semiconductor NTP6413ANG Datasheet HTML 3Page - ON Semiconductor NTP6413ANG Datasheet HTML 4Page - ON Semiconductor NTP6413ANG Datasheet HTML 5Page - ON Semiconductor NTP6413ANG Datasheet HTML 6Page - ON Semiconductor NTP6413ANG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTB6413AN, NTP6413AN
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
01
23
4
5
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
10 V
7.5 V
6.5 V
6.0 V
5.5 V
5.0 V
0
20
40
60
80
100
23
45
67
8
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS w 10 V
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.01
0.02
0.03
0.04
56789
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate Voltage
ID = 42 A
TJ = 25°C
0.00
0.02
0.04
0.08
0.06
10
20
30
40
TJ = 125°C
TJ = 175°C
VGS = 10 V
TJ = 25°C
TJ = −55°C
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0.5
1
1.5
2
2.5
3
−50 −25
0
25
50
75
100
125 150 175
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 42 A
VGS = 10 V
100
1000
10000
10
20
30
40
50
60
70
80
90 100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
TJ = 125°C
TJ = 150°C
VGS = 0 V
0.05
0.06


Similar Part No. - NTP6413ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP6413ANG ONSEMI-NTP6413ANG Datasheet
123Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3
NTP6413ANG ONSEMI-NTP6413ANG Datasheet
85Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTP6413ANG VBSEMI-NTP6413ANG Datasheet
1Mb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
NTP6413ANG DOINGTER-NTP6413ANG Datasheet
948Kb / 3P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NTP6413ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6413AN ONSEMI-NTB6413AN_12 Datasheet
123Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3
logo
Fairchild Semiconductor
FDT86102LZ FAIRCHILD-FDT86102LZ Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 6.6 A, 28 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
logo
ON Semiconductor
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m廓
October, 2009 ??Rev. 0
NTB6412AN ONSEMI-NTB6412AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com