Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD3813N-1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTD3813N-1G
Description  Power MOSFET 16 V, 51 A, Single N-Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3813N-1G Datasheet(HTML) 8 Page - ON Semiconductor

  NTD3813N-1G Datasheet HTML 1Page - ON Semiconductor NTD3813N-1G Datasheet HTML 2Page - ON Semiconductor NTD3813N-1G Datasheet HTML 3Page - ON Semiconductor NTD3813N-1G Datasheet HTML 4Page - ON Semiconductor NTD3813N-1G Datasheet HTML 5Page - ON Semiconductor NTD3813N-1G Datasheet HTML 6Page - ON Semiconductor NTD3813N-1G Datasheet HTML 7Page - ON Semiconductor NTD3813N-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTD3813N
http://onsemi.com
8
PACKAGE DIMENSIONS
3 IPAK, STRAIGHT LEAD
CASE 369AC-01
ISSUE O
D
A
K
B
R
V
F
G
3 PL
E
C
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.043
0.94
1.09
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.134
0.142
3.40
3.60
R
0.180
0.215
4.57
5.46
V
0.035
0.050
0.89
1.27
W
0.000
0.010
0.000
0.25
NOTES:
1.. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2.. CONTROLLING DIMENSION: INCH.
3. SEATING PLANE IS ON TOP OF
DAMBAR POSITION.
4. DIMENSION A DOES NOT INCLUDE
DAMBAR POSITION OR MOLD GATE.
W
SEATING PLANE
0.13 (0.005) W
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
12
3
4
V
S
A
K
-T-
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
---
3.93
---
IPAK (STRAIGHT LEAD DPAK)
CASE 369D-01
ISSUE B
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800-282-9855 Toll Free
 USA/Canada
Europe, Middle East and Africa Technical Support:
 Phone: 421 33 790 2910
Japan Customer Focus Center
 Phone: 81-3-5773-3850
NTD3813N/D
LITERATURE FULFILLMENT:
 Literature Distribution Center for ON Semiconductor
 P.O. Box 5163, Denver, Colorado 80217 USA
 Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
 Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTD3813N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3817N ONSEMI-NTD3817N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N-1G ONSEMI-NTD3817N-1G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N-35G ONSEMI-NTD3817N-35G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817NT4G ONSEMI-NTD3817NT4G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results

Similar Description - NTD3813N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3808N ONSEMI-NTD3808N Datasheet
99Kb / 7P
   Power MOSFET 16 V, 76 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N ONSEMI-NTD3817N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com