Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3406 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3406
Description  1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3406 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3406_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3406_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
3
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3406
Ordering Information
AP3406
-
G1: Green
Circuit Type
Package
KT: TSOT-23-5
K: SOT-23-5
ADJ: Adjustable Voltage
Part Number
Marking ID
Package
Temperature
Range
Green
Green
Packing
Type
TSOT-23-5
-40 to 85
°C
AP3406KT-ADJTRG1
L1B
Tape & Reel
SOT-23-5
-40 to 85
°C
AP3406K-ADJTRG1
FBC
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
TR: Tape & Reel
Shutdown
Control
Slope
Compensation
Oscillator
V
REF with
Soft Start
PWM
Comparator
Control
Logic
Current Limit
Detector
Current
Sense
Driver
Over
Temperature
Detector
Error
Amplifier
0.6V
EN
VIN
SW
GND
FB
1
2
3
4
5


Similar Part No. - AP3406_09

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
   Universal DC/DC Converter
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
AP34063 DIODES-AP34063 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
Anachip Corp
AP34063A ANACHIP-AP34063A Datasheet
202Kb / 10P
   Universal DC/DC Converter
More results

Similar Description - AP3406_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502A DIODES-AP6502A Datasheet
432Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com