Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3039M-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3039M-G1
Description  BOOST CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3039M-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3039M-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3039M-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BOOST CONTROLLER
AP3039
Data Sheet
7
BCD Semiconductor Manufacturing Limited
Dec. 2009 Rev. 1. 4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
VCC=VIN
56
V
VCC bypassed to GND
through a 0.47
µF capacitor
627
Feedback Voltage
VFB
490
500
510
mV
FB Pin Bias Current
IFB
35
100
nA
Quiescent Current
IQ
No switching
3
5
mA
Shutdown Quiescent Current
ISHDN
VEN=0V
1
2
µA
VCC Voltage
VCC
9V
≤VIN≤27V
5.566.5
V
6V
≤VIN<9V
5
VCC Current Limit
ICC-LIM
50
mA
Drop Voltage Across Bypass Switch
VIN-VCC ICC=0mA, fOSC≤200kHz,
6V
≤VIN<8.5V
300
mV
Bypass Switch Turn-off Threshold
VBYP-HI
VIN increasing
8.7
V
Bypass Switch Threshold Hysteresis
VBYP-HYS VIN decreasing
260
mV
VCC Pin UVLO Rising Threshold
VCC-HI
4.7
V
VCC Pin UVLO Falling Hysteresis
VCC-HYS
300
mV
Oscillator Frequency
fOSC
Adjustable, RT=51kΩ
to 150k
200
1000
kHz
UVLO Threshold
VUVLO
1.22
1.25
1.28
V
UVLO Hysteresis Current Source
IHYS
22
µA
Current Limit Threshold Voltage
VCS
90
110
130
mV
RT Voltage
VRT
1.20
1.25
1.30
V
Error Amplifier Transconductance
GS
470
µA/V
EN Pin Threshold Voltage
VEH
2.0
V
VEL
0.5
SHDN Pin Threshold Voltage
VIH
2.0
V
VIL
0.5
Electrical Characteristics
(VIN=12V, VEN =VIN, TA=25oC, unless otherwise specified.)


Similar Part No. - AP3039M-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
AP3039FNTR-G1 BCDSEMI-AP3039FNTR-G1 Datasheet
286Kb / 16P
   BOOST CONTROLLER
More results

Similar Description - AP3039M-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
   SYNCHRONOUS BOOST CONTROLLER
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com