Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3039MTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3039MTR-G1
Description  BOOST CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3039MTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3039MTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3039MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
BOOST CONTROLLER
AP3039
Data Sheet
6
BCD Semiconductor Manufacturing Limited
Dec. 2009 Rev. 1. 4
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
527
V
Operating Frequency
f
200
1000
kHz
Operating Temperature
TA
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
30
V
VCC Pin Voltage
VCC
10
V
OUT Pin Voltage
VOUT
10
V
Feedback Pin Voltage
VFB
7V
UVLO Pin Voltage
VUVLO
7V
CS Pin Voltage
VCS
7V
SHDN Pin Voltage
VSHDN
7V
Enable Pin Voltage
VEN
VIN
V
OV Pin Voltage
VOV
7V
Thermal Resistance (Junction to Ambient, no Heat sink)
θJA
QFN-3
x3-16
60
oC/W
SOIC-14
102
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V


Similar Part No. - AP3039MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
AP3039FNTR-G1 BCDSEMI-AP3039FNTR-G1 Datasheet
286Kb / 16P
   BOOST CONTROLLER
More results

Similar Description - AP3039MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
   SYNCHRONOUS BOOST CONTROLLER
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com