Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101LA-ZS45XIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B101LA-ZS45XIT
Description  1 Mbit (128K x 8) nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-ZS45XIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B101LA-ZS45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY14E101LA
Document #: 001-42916 Rev. *B
Page 9 of 19
AC Test Conditions
Input Pulse Levels ....................................................0V to 3V
Input Rise and Fall Times (10% - 90%) ........................ <3 ns
Input and Output Timing Reference Levels .................... 1.5V
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
20
Years
NVC
Nonvolatile STORE Operations
1,000
K
Capacitance
Parameter[9]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC (Typ)
7pF
COUT
Output Capacitance
7
pF
Thermal Resistance
Parameter[9]
Description
Test Conditions
44-TSOP II
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, in accordance with EIA/JESD51.
41.74
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
11.90
°C/W
Figure 3. AC Test Loads
5.0V
OUTPUT
5 pF
R1
R2
512
Ω
5.0V
OUTPUT
30 pF
R1
R2
512
Ω
for tristate specs
963
Ω
963
Ω
Note
9. These parameters are guaranteed by design and are not tested.
[+] Feedback


Similar Part No. - CY14B101LA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results

Similar Description - CY14B101LA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com