Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256LA-SP25XI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B256LA-SP25XI
Description  256 Kbit (32K x 8) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256LA-SP25XI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B256LA-SP25XI Datasheet HTML 1Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256LA-SP25XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY14B256LA
Document Number: 001-54707 Rev. *B
Page 3
Pinouts
Figure 1. Pin Diagram - 44 Pin TSOP II/48 Pin SSOP
Figure 2. Pin Diagram - 32-Pin SOIC
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
Top View
(not to scale)
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
(x8)
[4]
[5]
[2]
[3]
[1]
[1]
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
45
46
47
48
NC
NC
NC
NC
(x8)
(not to scale)
Top View
48 - SSOP
32 - SOIC
Top View
(not to scale)
(x8)
Notes
1. Address expansion for 1 Mbit. NC pin not connected to die
2. Address expansion for 2 Mbit. NC pin not connected to die.
3. Address expansion for 4 Mbit. NC pin not connected to die.
4. Address expansion for 8 Mbit. NC pin not connected to die.
5. Address expansion for 16 Mbit. NC pin not connected to die.
[+] Feedback


Similar Part No. - CY14B256LA-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA-SP25XI CYPRESS-CY14B256LA-SP25XI Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-SP25XI CYPRESS-CY14B256LA-SP25XI Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-SP25XIT CYPRESS-CY14B256LA-SP25XIT Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-SP25XIT CYPRESS-CY14B256LA-SP25XIT Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results

Similar Description - CY14B256LA-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com