Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256LA-SP45XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B256LA-SP45XIT
Description  256 Kbit (32K x 8) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256LA-SP45XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B256LA-SP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B256LA-SP45XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CY14B256LA
Document Number: 001-54707 Rev. *B
Page 10
AC Test Conditions
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times (10% - 90%)........................ <3 ns
Input and Output Timing Reference Levels .................... 1.5V
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
20
Years
NVC
Nonvolatile STORE Operations
1,000
K
Capacitance
Parameter[10]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC (Typ)
7pF
COUT
Output Capacitance
7
pF
Thermal Resistance
Parameter[10]
Description
Test Conditions
48-SSOP 44-TSOP II
32-SOIC
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard
test methods and procedures for
measuring thermal impedance, in
accordance with EIA/JESD51.
37.47
31.11
41.55
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
24.71
5.56
24.43
°C/W
Figure 4. AC Test Loads
3.0V
OUTPUT
5 pF
R1
R2
789
Ω
3.0V
OUTPUT
30 pF
R1
R2
789
Ω
for tri-state specs
577
Ω
577
Ω
Note
10. These parameters are guaranteed by design and are not tested.
[+] Feedback


Similar Part No. - CY14B256LA-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA-SP45XIT CYPRESS-CY14B256LA-SP45XIT Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-SP45XIT CYPRESS-CY14B256LA-SP45XIT Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results

Similar Description - CY14B256LA-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com