Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1617A-05-62 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXMG1617A-05-62
Description  5V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-05-62 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXMG1617A-05-62 Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-05-62 Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-05-62 Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-05-62 Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-05-62 Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-05-62 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2007
Rev. 1.0, 2007-09-28
PanelMatch™
LXMG1617A-05-6x
5V 6W CCFL Programmable Inverter Module
TM
®
ELECTRICAL CHA RACTERISTICS (CONTINUED)
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of
0°C to 60
°C except where otherwise noted.
LXMG1617A-05-6x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
BRITE INPUT
VBRT_ADJ = 0VDC
-13
µADC
Input Current
IBRT
VBRT_ADJ = 3VDC
0
µADC
Minimum Input for Max. Lamp Current
VBRT_ADJ
IO(LAMP) = Maximum Lamp Current
1.9
2
VDC
Maximum Input for Min. Lamp Current² VBRT_ADJ
IO(LAMP) = Minimum Lamp Current
0
VDC
Minimum PWM Input Frequency
FBRT_PWM
2
kHz
SLEEP BAR INPUT
RUN Mode
SLEEP
V
2.0
VIN
VDC
SLEEP Mode
SLEEP
V
-0.3
0.8
VDC
SET1,2 INPUT
SET1,2 Low Threshold
VL
0.4
V
Input Current
ISET
VSET = 0V
-220
µA
POWER CHARACTERISTICS
Sleep Current
IIN(MIN)
VIN = 5VDC, SLEEP < 0.8V
5
50
µADC
Run Current
IRUN
VIN = 5VDC, SLEEP ≥ 2.0V, ISET1 = Open
ISET2 = Ground, VLAMP = 640VRMS
1090
mADC
Run Current Ripple Voltage
IRIPPLE
VIN = 5V, SLEEP ≥ 2.0V, ISET1 = Open
ISET2 = Ground, VLAMP = 640VRMS
330
mVpp
Efficiency
η
VIN = 5VDC, SLEEP ≥ 2.0V, ISET1 = Open
ISET2 = Ground, VLAMP = 640VRMS
85
%
² The BRITE minimum input voltage level is 0V, whereas it is 0.5V in the original LXMG1617-05-6x inverter.
FUNCTIONAL PIN DESCRIPTION
CONN
PIN
DESCRIPTION
CN1
(Molex 53261-0871) Mates with 51021-0800 housing, 50079-8100 pins. Mates with LX9501G input cable assembly
CN1-1
CN1-2
VIN
Main Input Power Supply (4.75V < VIN < 5.25V)
CN1-3
CN1-4
GND
Power Supply Return
CN1-5
SLEEP
ON/OFF Control. (0V < SLEEP ≤ 0.8 = OFF, SLEEP ≥ 2.0V = ON
CN1-6
BRITE
Brightness Control (0V to 2.0VDC). 2.0VDC gives maximum lamp current.
CN1-7
SET1
SET1 MSB Connecting this pin to ground decreases the output current (see Table 1)
CN1-8
SET2
SET2 LSB Connecting this pin to ground decreases the output current (see Table 1)
CN2 for LXMG1617A-05-61 and -62
(JST SM02(8.0)B-BHS-1-TB(LF)(SN) ; Yeon Ho 20015WR-05A00, SM02B-BHSS-1-
TB(LF)(SN) ; Yeon Ho 35001WR-02A00) or equivalent
CN2-1
VHI
High voltage connection to high Side of lamp. Connect to lamp terminal with shortest lead length.
DO NOT
connect to Ground.
CN2-2
VLO
Connection to low side of lamp. Connect to lamp terminal with longer lead length.
DO NOT
connect to Ground


Similar Part No. - LXMG1617A-05-62

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-05-62 MICROSEMI-LXMG1617A-05-62 Datasheet
185Kb / 6P
   5V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-05-62

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-05-6X MICROSEMI-LXM1618-05-6X Datasheet
188Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X_10 Datasheet
185Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617-05-6X MICROSEMI-LXMG1617-05-6X Datasheet
167Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1811-05-6XS MICROSEMI-LXMG1811-05-6XS Datasheet
235Kb / 7P
   5V 6W CCFL Programmable Inverter Module
LXMG1618A-05-6X MICROSEMI-LXMG1618A-05-6X Datasheet
183Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1811-05-6X MICROSEMI-LXMG1811-05-6X Datasheet
231Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXM1617-05-6X MICROSEMI-LXM1617-05-6X Datasheet
228Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1618-05-6X MICROSEMI-LXMG1618-05-6X Datasheet
169Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1623-05-6X MICROSEMI-LXMG1623-05-6X Datasheet
178Kb / 6P
   5V Dual 6W Programmable CCFL Inverter Module
LXMG1626-05-46_0710 MICROSEMI-LXMG1626-05-46_0710 Datasheet
201Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com