Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD6416ANLT4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD6416ANLT4G
Description  N-Channel Power MOSFET 100 V, 19 A, 74 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6416ANLT4G Datasheet(HTML) 4 Page - ON Semiconductor

  NTD6416ANLT4G Datasheet HTML 1Page - ON Semiconductor NTD6416ANLT4G Datasheet HTML 2Page - ON Semiconductor NTD6416ANLT4G Datasheet HTML 3Page - ON Semiconductor NTD6416ANLT4G Datasheet HTML 4Page - ON Semiconductor NTD6416ANLT4G Datasheet HTML 5Page - ON Semiconductor NTD6416ANLT4G Datasheet HTML 6Page - ON Semiconductor NTD6416ANLT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD6416ANL
http://onsemi.com
4
0
200
400
600
800
1000
1200
1400
0
1020
3040
506070
8090
100
TJ = 25°C
VGS = 0 V
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
Ciss
Coss
Crss
0
5
10
15
20
25
QT
Qgd
Qgs
0
2
4
6
8
10
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source Voltage and
Drain−to−Source Voltage versus Total Charge
VDS = 80 V
ID = 19 A
TJ = 25°C
1
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
td(off)
tf
tr
td(on)
VDS = 80 V
ID = 19 A
VGS = 10 V
0
5
10
15
20
0.5 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.0
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage versus
Current
TJ = 25°C
VGS = 0 V
0.01
0.1
1
10
100
1
10
100
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 10 V
SINGLE PULSE
TC = 25°C
10
ms
100
ms
1 ms
10 ms
dc
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 11. Resistive Switching Time Variation
versus Gate Resistance
0
10
20
30
40
50
25
50
75
100
125
150
175
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 12. Resistive Switching Time Variation
versus Gate Resistance
ID = 18.2 A
100
80
60
40
20
0
VDS
VGS


Similar Part No. - NTD6416ANLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6416ANLT4G ONSEMI-NTD6416ANLT4G Datasheet
122Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m
June, 2012 ??Rev. 4
NTD6416ANLT4G ONSEMI-NTD6416ANLT4G Datasheet
84Kb / 7P
   N-Channel Power MOSFET
November, 2016 ??Rev. 6
More results

Similar Description - NTD6416ANLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6416ANLT4G ONSEMI-NVD6416ANLT4G Datasheet
122Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m
June, 2012 ??Rev. 4
logo
Fairchild Semiconductor
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
logo
ON Semiconductor
NTB6412AN ONSEMI-NTB6412AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
October, 2009 ??Rev. 0
NTB6410AN ONSEMI-NTB6410AN Datasheet
150Kb / 7P
   N-Channel Power MOSFET 100 V, 76 A, 13 m廓
December, 2009 ??Rev. 0
NTB6413AN ONSEMI-NTB6413AN Datasheet
149Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m廓
November, 2009 ??Rev. 1
NTD6415AN ONSEMI-NTD6415AN Datasheet
143Kb / 7P
   N-Channel Power MOSFET 100 V, 23 A, 55 m廓
November, 2009 ??Rev. 0
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTD6414AN ONSEMI-NTD6414AN Datasheet
142Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
BUK9Y19-100E NEXPERIA-BUK9Y19-100E Datasheet
748Kb / 13P
   N-channel 100 V, 19 m廓 logic level MOSFET in LFPAK56
BUK7Y19-100E NEXPERIA-BUK7Y19-100E Datasheet
730Kb / 13P
   N-channel 100 V, 19 m廓 standard level MOSFET in LFPAK56
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com