Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1617A-12-62 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1617A-12-62
Description  12V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-12-62 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1617A-12-62 Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-12-62 Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-12-62 Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-12-62 Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-12-62 Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-12-62 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, Fax: 714-893-2570
Page 5
Copyright
© 2007
Rev 1.0, 2007-09-28
PanelMatch™
LXMG1617A-12-6x
12V 6W CCFL Programmable Inverter Module
TM
®
TY PICAL APPLICATION
LXMG1617A-12-6x
12V
SET2
GND
VHI
VLO
BRITE
VIN
SLEEP
SET1
0V to
2.0V 500k
DAC or
Pot
CCFL
TUBE
NC
NC
Figure 1
– Brightness Control
(Output current set to maximum)
P.W.
10µs to 500µS
BRITE
LXMG1617A-12-6x
0 < P.W. < 100% of period
PWM Signal
from System
Figure 1A
– PWM Brightness Control
LXMG1617A-12-6x
SET2
GND
VHI
VLO
SLEEP
SET1
CCFL
TUBE
BRITE
12V
VIN
L
L
5.0mARMS
L
H
6.0mARMS
H
L
7.0mARMS
H
H
8.0mARMS
L=GND; H=Open
Figure 2
– Max Output Current
(SET1 and SET2 Inputs)
The brightness control may be a voltage output DAC or
other voltage source, a digital pot or 500K manual pot. The
inverter contains an internal 215K pull-up to 3V to bias the
pot, if desired; add a resistor to set the lower threshold
voltage above the absolute minimum dim level capability.
A 3.3V Logic Level PWM signal from a micro-controller
may also be used as shown in Figure 1A.
If you need to turn the inverter ON/OFF remotely, connect
to TTL logic signal to the
SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect
VLO to the low voltage wire (wire with thinner insulation).
Never connect VLO to circuit ground as this will defeat
lamp current regulation. If both lamp wires have heavy
high voltage insulation, connect the longest wire to VLO.
This wire is typically white.
Use the SET1 and SET2 (see Figure 2) inputs to select the
desired maximum output current. Using these two pins in
combination allows the inverter to match a wide variety of
panels from different manufacturers. Generally the best
lamp lifetime correlates with driving the CCFL at the
manufactures nominal current setting. However the SET1
and SET2 inputs allow the user the flexibility to adjust the
current to the maximum allowable output current to
increase panel brightness at the expense of some reduced
lamp life.
Although the SET pins are designed such that just leaving
them open or grounding them is all that is needed to set the
output current, they can also be actively set. Using an open
collector or open drain logic signal will allow you to
reduce the lamp current for situations where greater dim
range is required, as an example in nighttime situations. In
conjunction with a light sensor or other timer the panel
could be set to higher brightness (maximum output
current) for daytime illumination and lower brightness
(minimum or typical output current) at nighttime. Since
the dim ratio is a factor of both the burst duty cycle and the
peak output current, using this technique the effective dim
ratio can be increased greater than the burst duty cycle
alone. Conversely, the SET inputs could be used to
overdrive the lamp temporarily to facilitate faster lamp
warm up at initial lamp turn on. Of course any possible
degradation on lamp life from such practices is the user’s
responsibility since not all lamps are designed to be
overdriven.
The inverter has a built in fault timeout function. If the
output is open (lamp disconnected or broken) or shorted
the inverter will attempt to strike the lamp up to about one
second, after which (without success) the inverter will
shutdown, in this mode the inverter will draw about 10mA
from VIN. In order to restart the inverter it is necessary to
toggle the sleep input or cycle the VIN input supply.


Similar Part No. - LXMG1617A-12-62

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-62 MICROSEMI-LXMG1617A-12-62 Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-12-62

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X_10 Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1617-12-6X MICROSEMI-LXM1617-12-6X Datasheet
181Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6X MICROSEMI-LXMG1813-12-6X Datasheet
174Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-6X MICROSEMI-LXMG1618A-12-6X Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1618-12-6X MICROSEMI-LXM1618-12-6X Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618-12-6X MICROSEMI-LXMG1618-12-6X Datasheet
169Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6XS MICROSEMI-LXMG1813-12-6XS Datasheet
235Kb / 7P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-6X MICROSEMI-LXMG1617-12-6X Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com