Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGD3149C Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTGD3149C
Description  Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3149C Datasheet(HTML) 7 Page - ON Semiconductor

  NTGD3149C Datasheet HTML 1Page - ON Semiconductor NTGD3149C Datasheet HTML 2Page - ON Semiconductor NTGD3149C Datasheet HTML 3Page - ON Semiconductor NTGD3149C Datasheet HTML 4Page - ON Semiconductor NTGD3149C Datasheet HTML 5Page - ON Semiconductor NTGD3149C Datasheet HTML 6Page - ON Semiconductor NTGD3149C Datasheet HTML 7Page - ON Semiconductor NTGD3149C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTGD3149C
http://onsemi.com
7
TYPICAL CHARACTERISTICS (P−CHANNEL)
Figure 17. Pch Capacitance Variation
Figure 18. Pch Gate−to−Source Voltage vs.
Total Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
10
8.0
6.0
4.0
2.0
0
0
50
150
250
350
450
500
700
5.0
4.0
3.0
2.0
1.0
0
0
0.5
1.0
2.0
2.5
3.5
4.0
4.5
Figure 19. Pch Resistive Switching Time
Variation vs. Gate Resistance
Figure 20. Pch Diode Forward Voltage vs.
Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1.0
1.0
10
100
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.5
1.0
2.0
2.5
3.0
3.5
12
100
200
300
400
550
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
1.5
3.0
QT
Q1
Q2
ID = 2.7 A
TJ = 25°C
VDD = −10 V
ID = −1 A
VGS = −4.5 V
td(off)
td(on)
tr
tf
0.9
0.8
VGS = 0 V
TJ = 25°C
1.5
600
650
1000


Similar Part No. - NTGD3149C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD3149CT1G VBSEMI-NTGD3149CT1G Datasheet
607Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - NTGD3149C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD4167C ONSEMI-NTGD4167C Datasheet
135Kb / 10P
   Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
December, 2008 ??Rev. 1
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
   20 V, 3.5 A dual P-channel Trench MOSFET
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com