Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3447P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTGS3447P
Description  Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3447P Datasheet(HTML) 1 Page - ON Semiconductor

  NTGS3447P Datasheet HTML 1Page - ON Semiconductor NTGS3447P Datasheet HTML 2Page - ON Semiconductor NTGS3447P Datasheet HTML 3Page - ON Semiconductor NTGS3447P Datasheet HTML 4Page - ON Semiconductor NTGS3447P Datasheet HTML 5Page - ON Semiconductor NTGS3447P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
August, 2007 - Rev. 0
1
Publication Order Number:
NTGS3447P/D
NTGS3447P
Power MOSFET
-12 V, -5.3 A, Single P-Channel, TSOP-6
Features
Low RDS(on) in TSOP-6 Package
1.8 V Gate Rating
This is a Pb-Free Device
Applications
Battery Switch and Load Management Applications in Portable
Equipment
High Side Load Switch
PA Switch
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
-12
V
Gate-to-Source Voltage
VGS
$8
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
-4.7
A
TA = 85°C
-3.4
t
v 5 s
TA = 25°C
-5.3
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.25
W
t
v 5 s
1.6
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
-3.4
A
TA = 85°C
-2.5
Power Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
-19
A
Operating Junction and Storage Temperature
TJ,
TSTG
-55 to
150
°C
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface-mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in
sq [2 oz] including traces)
2. Surface-mounted on FR4 board using the minimum recommended pad size.
3
4
12 5 6
Device
Package
Shipping
ORDERING INFORMATION
P-Channel
TSOP-6
CASE 318G
STYLE 1
MARKING
DIAGRAM
SE
= Device Code
M
= Date Code
G
= Pb-Free Package
(Note: Microdot may be in either location)
PIN ASSIGNMENT
3
2
1
4
Gate
Drain
Source
5
6
Drain
Drain
Drain
NTGS3447PT1G
TSOP-6
(Pb-Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
V(BR)DSS
RDS(on) MAX
ID MAX
-12 V
40 m
W @ -4.5 V
53 m
W @ -2.5 V
http://onsemi.com
SE M
G
G
1
1
-4.7 A
72 m
W @ -1.8 V
-4.1 A
-2.0 A


Similar Part No. - NTGS3447P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGS3447PT1G VBSEMI-NTGS3447PT1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3447P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com