Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1813-12-62S Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXMG1813-12-62S
Description  12V 6W CCFL Programmable Inverter Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1813-12-62S Datasheet(HTML) 2 Page - Microsemi Corporation

  LXMG1813-12-62S Datasheet HTML 1Page - Microsemi Corporation LXMG1813-12-62S Datasheet HTML 2Page - Microsemi Corporation LXMG1813-12-62S Datasheet HTML 3Page - Microsemi Corporation LXMG1813-12-62S Datasheet HTML 4Page - Microsemi Corporation LXMG1813-12-62S Datasheet HTML 5Page - Microsemi Corporation LXMG1813-12-62S Datasheet HTML 6Page - Microsemi Corporation LXMG1813-12-62S Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 800-877-6458, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2008
Rev 1.0, 2008-11-14
PanelMatch™ VEasyLIT™ LXMG1813-12-6xS
12V 6W CCFL Programmable Inverter Module
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Signal Voltage (VIN) ......................................................................................................................................-0.3V to 19V
Input Power ......................................................................................................................................................................... 8W
Output Voltage, no load ............................................................................................................................................ 1800VRMS
Output Current .......................................................................................................................................................... 7.5mARMS
Output Power ...................................................................................................................................................................... 6W
Input Signal Voltage ( SLEEP Input) ...................................................................................................................... -0.3V to VIN
Input Signal Voltage (ALS_IN) .............................................................................................................................-0.3V to 5.5V
Analog Output (ALS_VCC external load current) ............................................................................................................. -5mA
Ambient Operating Temperature, zero airflow.....................................................................................................-30°C to 80°C
Storage Temperature Range...............................................................................................................................-40°C to 85°C
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified
terminal.
RECOMMENDED OPERATIN G CONDITIONS (R .C.)
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the ‘R.C.’ column. Min. and Max. columns indicate values beyond
which the inverter, although operational, may not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
Input Supply Voltage Range (Fully Regulated
Lamp Current)
9
12
16.8
Input Supply Voltage Range (Functional)
VIN
8.4
12
16.8
V
Output Power
PO
4.2
6.0
W
Lamp Operating Voltage
VLAMP
390
590
790
VRMS
Lamp Current (Full Brightness)
IO(LAMP)
4
7
mARMS
Operating Ambient Temperature Range
TA
-30
80
°C
ELECTRI CAL CHARACTERISTICS
The following specifications apply over the recommended operating condition and ambient temperature of 0°C to 60
°C except where
otherwise noted; ALS_IN ≥ 2.3V, SLEEP ≥ 2.0V, VIN = 12V.
LXMG1813-12-6xS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OUTPUT PIN CHARACTERISTICS
Full Lamp Current
IL(MAX)
SET1 = Ground, SET2 = Ground
3.5
4.0
4.5
mARMS
Full Lamp Current
IL(MAX)
SET1 = Ground, SET2 = Open
4.5
5.0
5.5
mARMS
Full Lamp Current
IL(MAX)
SET1 = Open, SET2 = Ground
5.5
6.0
6.5
mARMS
Full Lamp Current
IL(MAX)
SET1 = Open, SET2 = Open
6.5
7.0
7.5
mARMS
Full Lamp Current
IL(MAX)
VIN = 9 to 16.8V; SET1 = Open, SET2 = Ground
5.4
6.0
6.6
mARMS
Min. Average Lamp Current
IL(MIN)
ALS_IN ≤ 0.9V, SET1 = SET2 = Ground, BRITE =
floating; IL(MIN) = IL* √(Min Duty Ratio)
1.0
mARMS
Lamp Start Voltage
VLS
-30°C < TA < 80°C, VIN ≥ 8.4V
1400
1600
VRMS
Operating Frequency
fO
49.8
53
56.2
kHz
Burst Frequency
fBURST
Output Burst Frequency
195
208
220
Hz


Similar Part No. - LXMG1813-12-62S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1813-12-62S MICROSEMI-LXMG1813-12-62S Datasheet
84Kb / 4P
   Ambient Light Sensor Board Assembly
More results

Similar Description - LXMG1813-12-62S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X_10 Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1617-12-6X MICROSEMI-LXM1617-12-6X Datasheet
181Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6X MICROSEMI-LXMG1813-12-6X Datasheet
174Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-6X MICROSEMI-LXMG1618A-12-6X Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1618-12-6X MICROSEMI-LXM1618-12-6X Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618-12-6X MICROSEMI-LXMG1618-12-6X Datasheet
169Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-6X MICROSEMI-LXMG1617-12-6X Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com