Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLJD3183CZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLJD3183CZ
Description  Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJD3183CZ Datasheet(HTML) 1 Page - ON Semiconductor

  NTLJD3183CZ Datasheet HTML 1Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 2Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 3Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 4Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 5Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 6Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 7Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 8Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2008
December, 2008 − Rev. 0
1
Publication Order Number:
NTLJD3183CZ/D
NTLJD3183CZ
Power MOSFET
20 V/−20 V, 4.7 A/−4.0 A, mCoolt
Complementary, 2x2 mm, WDFN Package
Features
WDFN 2x2 mm Package with Exposed Drain Pads for Excellent
Thermal Conduction
Lowest RDS(on) in 2x2 mm Package
Footprint Same as SC−88 Package
Low Profile (< 0.8 mm) for Easy Fit in Thin Environments
ESD Protected
This is a Pb−Free Device
Applications
Optimized for Battery and Load Management Applications in
Portable Equipment
Load Switch
Level Shift Circuits
DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±8.0
V
N−Channel
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
3.8
A
TA = 85°C
2.7
t ≤ 5 s
TA = 25°C
4.7
P−Channel
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−3.2
A
TA = 85°C
−2.3
t ≤ 5 s
TA = 25°C
−4.0
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.5
W
t ≤ 5 s
2.3
N−Channel
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
2.6
A
TA = 85°C
1.9
P−Channel
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−2.2
A
TA = 85°C
−1.6
Power Dissipation
(Note 2)
Steady
State
TA = 25°C
PD
0.71
W
Pulsed Drain Current
N−Ch
tp = 10 ms
IDM
18
A
P−Ch
−16
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface Mounted on FR4 Board using the minimum recommended pad size
of 30 mm2, 2 oz Cu.
http://onsemi.com
JN = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
JNMG
G
1
2
3
6
5
4
WDFN6
CASE 506AN
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
D2
D1
Pin 1
1
2
3
6
5
4
S1
G1
D2
D1
G2
S2
(Top View)
PIN CONNECTIONS
D1
D2
NTLJD3183CZTAG
WDFN6
(Pb−Free)
3000/Tape & Reel
N−Channel
20 V
P−Channel
−20 V
86 mW @ 2.5 V
68 mW @ 4.5 V
100 mW @ −4.5 V
144 mW @ −2.5 V
RDS(on) MAX
4.2 A
−3.3 A
ID MAX
V(BR)DSS
120 mW @ 1.8 V
200 mW @ −1.8 V
NTLJD3183CZTBG
WDFN6
(Pb−Free)
3000/Tape & Reel
4.7 A
3.5 A
−4.0 A
−2.8 A


Similar Part No. - NTLJD3183CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3181PZTAG ONSEMI-NTLJD3181PZTAG Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3181PZTBG ONSEMI-NTLJD3181PZTBG Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTLJD3182FZTAG ONSEMI-NTLJD3182FZTAG Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
More results

Similar Description - NTLJD3183CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
   Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTLUS3A90PZTAG ONSEMI-NTLUS3A90PZTAG Datasheet
145Kb / 6P
   ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 2
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
NTLUD3191PZ ONSEMI-NTLUD3191PZ Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com