Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLJD3183CZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLJD3183CZ
Description  Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJD3183CZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTLJD3183CZ Datasheet HTML 1Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 2Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 3Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 4Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 5Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 6Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 7Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 8Page - ON Semiconductor NTLJD3183CZ Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NTLJD3183CZ
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
SINGLE OPERATION (SELF−HEATED)
Junction−to−Ambient – Steady State (Note 3)
RqJA
83
°C/W
Junction−to−Ambient – Steady State Min Pad (Note 4)
RqJA
177
Junction−to−Ambient – t ≤ 5 s (Note 3)
RqJA
54
DUAL OPERATION (EQUALLY HEATED)
Junction−to−Ambient – Steady State (Note 3)
RqJA
58
°C/W
Junction−to−Ambient – Steady State Min Pad (Note 4)
RqJA
133
Junction−to−Ambient – t ≤ 5 s (Note 3)
RqJA
40
3. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface Mounted on FR4 Board using the minimum recommended pad size (30 mm2, 2 oz Cu).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
N/P
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
N
VGS = 0 V
ID = 250 mA
20
V
P
ID = −250 mA
−20
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
N
Ref to 25°C
ID = 250 mA
15
mV/°C
P
ID = −250 mA
13
Zero Gate Voltage Drain Current
IDSS
N
VGS = 0 V, VDS = 16 V
TJ = 25°C
1.0
mA
P
VGS = 0 V, VDS = −16 V
−1.0
N
VGS = 0 V, VDS = 16 V
TJ = 85°C
10
P
VGS = 0 V, VDS = −16 V
−10
Gate−to−Source Leakage Current
IGSS
N
VDS = 0 V, VGS = ±8.0 V
±10
mA
P
±10
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
N
VGS = VDS
ID = 250 mA
0.4
1.0
V
P
ID = −250 mA
−0.4
−1.0
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
N
Ref to 25°C
ID = 250 mA
−3.0
mV/°C
P
ID = −250 mA
2.0
Drain−to−Source On Resistance
RDS(on)
N
VGS = 4.5 V , ID = 2.0 A
34
68
mW
P
VGS = −4.5 V , ID = −2.0 A
68
100
N
VGS = 2.5 V , ID = 2.0 A
42
86
P
VGS = −2.5 V, ID = −2.0 A
90
144
N
VGS = 1.8 V , ID = 1.7 A
53
120
P
VGS = −1.8 V, ID = −1.7 A
125
200
Forward Transconductance
gFS
N
VDS = 5.0 V, ID = 2.0 A
7.0
S
P
VDS = −5.0 V , ID = −2.0 A
6.5


Similar Part No. - NTLJD3183CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3181PZTAG ONSEMI-NTLJD3181PZTAG Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3181PZTBG ONSEMI-NTLJD3181PZTBG Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTLJD3182FZTAG ONSEMI-NTLJD3182FZTAG Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
More results

Similar Description - NTLJD3183CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
   Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTLUS3A90PZTAG ONSEMI-NTLUS3A90PZTAG Datasheet
145Kb / 6P
   ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 2
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
NTLUD3191PZ ONSEMI-NTLUD3191PZ Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com