Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMS4177P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMS4177P
Description  Power MOSFET -30 V, -11.4 A, P-Channel, SOIC-8
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4177P Datasheet(HTML) 4 Page - ON Semiconductor

  NTMS4177P Datasheet HTML 1Page - ON Semiconductor NTMS4177P Datasheet HTML 2Page - ON Semiconductor NTMS4177P Datasheet HTML 3Page - ON Semiconductor NTMS4177P Datasheet HTML 4Page - ON Semiconductor NTMS4177P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTMS4177P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
Figure 7. Capacitance Variation
Figure 8. Gate-To-Source and
Drain-To-Source Voltage vs. Total Charge
-VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage vs. Current
DRAIN-TO-SOURCE VOLTAGE (VOLTS)
500
05
10
TJ = 25°C
Ciss
Coss
Crss
15
25
0
2000
VGS = 0 V
QG, TOTAL GATE CHARGE (nC)
ID = -11.4 A
TJ = 25°C
VGS
QGS
RG, GATE RESISTANCE (OHMS)
VDD = -15 V
ID = -1 A
VGS = -10 V
tr
td(on)
tf
td(off)
QGD
QT
1000
1500
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = -20 A
20
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = -20 V
SINGLE PULSE
TC = 25°C
dc
10 ms
1 ms
100
ms
10
ms
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
3000
30
1
0
0
4
6
2
3
5
10
8
10
7
9
0
8
12
4
16
20
VDS
100
1
10
100
1
1000
1
0.9
0.5
0.6
0.7
0
4
2
3
0.8
10
0.1
10
100
1
100
1
0.1
0.01
25
25
50
75
100
0
100
50
75
150
125
10
2500
6
10
2
14
18
20
30
3500
4500
4000
40
60
50
125
150
175
200


Similar Part No. - NTMS4177P

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
NTMS4177PR UMW-NTMS4177PR Datasheet
377Kb / 6P
   -30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
NTMS4177PR2G VBSEMI-NTMS4177PR2G Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTMS4177P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4176P ONSEMI-NTMS4176P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NTMFS4709N ONSEMI-NTMFS4709N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3
NTMFS4708N ONSEMI-NTMFS4708N Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMD3P03R2 ONSEMI-NTMD3P03R2_13 Datasheet
116Kb / 6P
   Power MOSFET Dual P-Channel SOIC-8
August, 2013 ??Rev. 4
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMD6N04R2 ONSEMI-NTMD6N04R2 Datasheet
84Kb / 5P
   Power MOSFET 40 V, 5.8 A, Dual N-Channel SOIC-8
December, 2007 - Rev. 0
NTMD6N04 ONSEMI-NTMD6N04 Datasheet
219Kb / 8P
   MOSFET – Power, Dual N-Channel, SOIC-8 40 V, 5.8 A
July, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com