Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62707 Datasheet(PDF) 4 Page - Marktech Corporate

Part # TB62707
Description  8 Bit Constant Current LED Driver with Latch Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62707 Datasheet(HTML) 4 Page - Marktech Corporate

  TB62707 Datasheet HTML 1Page - Marktech Corporate TB62707 Datasheet HTML 2Page - Marktech Corporate TB62707 Datasheet HTML 3Page - Marktech Corporate TB62707 Datasheet HTML 4Page - Marktech Corporate TB62707 Datasheet HTML 5Page - Marktech Corporate TB62707 Datasheet HTML 6Page - Marktech Corporate TB62707 Datasheet HTML 7Page - Marktech Corporate TB62707 Datasheet HTML 8Page - Marktech Corporate TB62707 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
T
TT
T
TOSHIB
OSHIB
OSHIB
OSHIB
OSHIBA Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
Constant Cur
Constant Cur
Constant Cur
Constant Cur
Constant Currrrrrent Interf
ent Interf
ent Interf
ent Interf
ent Interface Dri
ace Dri
ace Dri
ace Dri
ace Drivvvvver
er
er
er
er
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62707F
TB62707F
TB62707F
TB62707F
TB62707F
Recommended Operating Condition:
CHARACTER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VOUT
15.0
V
Output Current
IOUT
DC 1 Circuit
5
88
mA
IOH
SERIAL-OUT
-1.0
mA
IOL
SERIAL-OUT
1.0
mA
Input Voltage
VIH
0.7VDD
VDD+0.3
V
VIL
-0.3
0.3VDD
V
LATCH Pulse Width
INPUT Pulse Width
ENABLE Pulse Width
tw LAT
VDD=4.5 ~ 5.5V
100
ns
tw IN
4500
ns
tw EN
4500
ns
Set-up Time for LATCH
tsetup(L)
100
ns
Hold Time for ENABLE
thold(L)
100
ns
Power Dissipation
P
D
ON PCB,Ta=85°C
0.6
W
Maximum Ratings:
CHARACTER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
+7.0
V
Output Voltage
VOUT
-0.5~+17.0
V
Output Current
IOUT
+90
mA
Input Voltage
VIN
-0.3~VDD + 0.3
V
GND Terminal Current
IGND
720
mA
Power Dissipation
PD
0.78
W
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+150
°C
* On 50 x 50 x 1.66mm 30% Copper, Glass Epoxy PWB
Ambient Temperature Derated 6.66mW/ºC above 25ºC
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TB62707

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62707F TOSHIBA-TB62707F Datasheet
445Kb / 14P
   8BIT PIPO (Pallalel In , Pallalel Out) CONSTANT CURRENT DRIVERS
TB62707FG TOSHIBA-TB62707FG Datasheet
341Kb / 15P
   8BIT PIPO (Pallalel In , Pallalel Out) CONSTANT CURRENT DRIVERS
More results

Similar Description - TB62707

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62705CP MARKTECH-TB62705CP Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com