Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5020SD-2 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5020SD-2
Description  100V Current Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5020SD-2 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5020SD-2 Datasheet HTML 1Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 2Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 3Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 4Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 5Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 6Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 7Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 8Page - National Semiconductor (TI) LM5020SD-2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics (Continued)
Specifications in standard type face are for T
J= +25˚C and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified: VIN = 48V, VCC = 10V, and RT = 31.6k
Ω. (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Oscillator
Frequency1 (RT = 31.6k)
(Note 5)
175
200
225
kHz
Frequency2 (RT = 9.76k)
(Note 5)
560
630
700
kHz
Sync threshold
2.4
3.2
3.8
V
PWM Comparator
Delay to Output
COMP set to 2V,
CS stepped 0 to 0.4V,
Time to onset of OUT
transition low
25
ns
Min Duty Cycle
COMP=0V
0
%
Max Duty Cycle (-1 Device)
75
80
85
%
Max Duty Cycle (-2 Device)
50
%
COMP to PWM Comparator
Gain
0.33
COMP Open Circuit Voltage
4.3
5.2
6.1
V
COMP Short Circuit Current
COMP=0V
0.6
1.1
1.5
mA
Slope Compensation
Slope Comp Amplitude
(LM5020-1 Device Only)
Delta increase at PWM
Comparator to CS
80
105
130
mV
Output Section
Output High Saturation
Iout = 50mA, V
CC -VOUT
0.25
0.75
V
Output Low Saturation
I
OUT = 100mA, VOUT
0.25
0.75
V
Rise Time
Cload = 1nF
18
ns
Fall Time
Cload = 1nF
15
ns
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
˚C
Thermal Shutdown Hysteresis
25
˚C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor.
Note 3: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 4: Device thermal limitations may limit usable range.
Note 5: Specification applies to the oscillator frequency. The operational frequency of the LM5020-2 devices is divided by two.
www.national.com
5


Similar Part No. - LM5020SD-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020SD-2 NSC-LM5020SD-2 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020SD-2 NSC-LM5020SD-2 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020SD-2/NOPB TI1-LM5020SD-2/NOPB Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Similar Description - LM5020SD-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com