Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5020 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5020
Description  100V Current Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5020 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5020 Datasheet HTML 1Page - National Semiconductor (TI) LM5020 Datasheet HTML 2Page - National Semiconductor (TI) LM5020 Datasheet HTML 3Page - National Semiconductor (TI) LM5020 Datasheet HTML 4Page - National Semiconductor (TI) LM5020 Datasheet HTML 5Page - National Semiconductor (TI) LM5020 Datasheet HTML 6Page - National Semiconductor (TI) LM5020 Datasheet HTML 7Page - National Semiconductor (TI) LM5020 Datasheet HTML 8Page - National Semiconductor (TI) LM5020 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pin Descriptions
Pin
Name
Description
Application Information
1
VIN
Source Input Voltage
Input to the start-up regulator. Input range is 13V to
100V.
2
FB
Feedback Signal
Inverting input of the internal error amplifier. The
non-inverting input is internally connected to a 1.25V
reference.
3
COMP
The output of the error amplifier and input to
the Pulse Width Modulator
COMP pull-up is provided by an internal 5K resistor
which may be used to bias an opto-coupler transistor.
4
VCC
Output of the internal high voltage series pass
regulator. Regulated output voltage is 7.7V
If an auxiliary winding raises the voltage on this pin
above the regulation set point, the internal series pass
regulator will shut down, reducing the internal power
dissipation.
5
OUT
Output of the PWM controller
Gate driver output with a 1A peak current capability.
6
GND
Ground return
7
UVLO
Line Under-Voltage Shutdown
An external resistor divider from the power converter
source voltage sets the shutdown levels. The threshold
at this pin is 1.25V. Hysteresis is set by a switched
internal 20µA current source.
8
CS
Current Sense input
Current sense input for current mode control and
over-current protection. Current limiting is accomplished
using a dedicated current sense comparator. If the CS
pin voltage exceeds 0.5V the OUT pin switches low for
cycle-by-cycle current limiting. CS is held low for 50ns
after OUT switches high to blank leading edge current
spikes.
9
RT / SYNC
Oscillator timing resistor pin and
synchronization input
An external resistor connected from RT to GND sets the
oscillator frequency. This pin also accepts
synchronization pulses from an external clock.
10
SS
Softstart Input
An external capacitor and an internal 10µA current
source set the soft-start ramp rate.
www.national.com
3


Similar Part No. - LM5020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI-LM5020 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI1-LM5020 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Similar Description - LM5020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com