Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR3161N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTR3161N
Description  Power MOSFET 20 V, 3.3 A, Single N?묬hannel, SOT??3
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR3161N Datasheet(HTML) 4 Page - ON Semiconductor

  NTR3161N Datasheet HTML 1Page - ON Semiconductor NTR3161N Datasheet HTML 2Page - ON Semiconductor NTR3161N Datasheet HTML 3Page - ON Semiconductor NTR3161N Datasheet HTML 4Page - ON Semiconductor NTR3161N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTR3161N
http://onsemi.com
4
td(on)
0
700
0
2
4
8
10
14
20
DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
Crss
Coss
Ciss
VGS = 0 V
TJ = 25°C
0
1.0
2.0
4.0
4.5
0
123
4
QG, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total
Charge
TJ = 25°C
ID = 3.3 A
QT
QGD
QGS
10
1000
1
10
100
100
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
VDD = 10 V
ID = 3.3 A
VGS = 4.5 V
tr
td(off)
tf
RG, GATE RESISTANCE (W)
0
1
2
3
4
0.3
0.6
0.9
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus
Current
VGS = 0 V
TJ = 25°C
12
18
600
500
400
300
200
100
3.0
56
VGS
1
0
1000
900
800
616
78
0.5
1.5
2.5
3.5
0.4
0.7
0.1
0.5
0.8
0.2


Similar Part No. - NTR3161N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR3162PT1G ONSEMI-NTR3162PT1G Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTR3162PT1G VBSEMI-NTR3162PT1G Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
ON Semiconductor
NTR3162PT3G ONSEMI-NTR3162PT3G Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTR3162PT3G VBSEMI-NTR3162PT3G Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - NTR3161N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4501N ONSEMI-NTR4501N Datasheet
62Kb / 6P
   Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 4
NSTR4501NT1G ONSEMI-NSTR4501NT1G Datasheet
116Kb / 5P
   Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
August, 2012 ??Rev. 12
MGSF1N03LT1 ONSEMI-MGSF1N03LT1 Datasheet
74Kb / 4P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 7
logo
List of Unclassifed Man...
MGSF1N03L ETC1-MGSF1N03L Datasheet
124Kb / 5P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
logo
ON Semiconductor
NTR4170N ONSEMI-NTR4170N Datasheet
106Kb / 5P
   Power MOSFET 30 V, 3.2 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4503N ONSEMI-NTR4503N Datasheet
70Kb / 6P
   Power MOSFET 30 V, 2.5 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 3
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com