Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR3162P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTR3162P
Description  Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR3162P Datasheet(HTML) 3 Page - ON Semiconductor

  NTR3162P Datasheet HTML 1Page - ON Semiconductor NTR3162P Datasheet HTML 2Page - ON Semiconductor NTR3162P Datasheet HTML 3Page - ON Semiconductor NTR3162P Datasheet HTML 4Page - ON Semiconductor NTR3162P Datasheet HTML 5Page - ON Semiconductor NTR3162P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTR3162P
http://onsemi.com
3
P−CHANNEL TYPICAL CHARACTERISTICS
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
TJ = 25°C
−1.5 V
−2.0 V
−1.2 V
VGS = −5 V − −2.5 V
−1.8 V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
0.75
1
1.25
1.5
1.75
2
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (V)
125°C
TJ = −55°C
25°C
VDS = −5 V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE VOLTAGE (V)
ID = −2.2 A
TJ = 25°C
0
0.05
0.10
0.15
0.20
0.25
0.30
0
1
2345
67
89
10
−ID, DRAIN CURRENT (A)
TJ = 25°C
VGS = −2.5 V
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS = −4.5 V
VGS = −1.8 V
VGS = −1.5 V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = −2.2 A
VGS = −4.5 V
1000
10000
100000
02
46
8
10
12
14
16
18
20
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
VGS = 0 V
TJ = 150°C
Figure 6. Drain−to−Source Leakage Current
vs. Voltage


Similar Part No. - NTR3162P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTR3162PT1G VBSEMI-NTR3162PT1G Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
NTR3162PT3G VBSEMI-NTR3162PT3G Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - NTR3162P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF2955PT1G ONSEMI-NVF2955PT1G Datasheet
116Kb / 5P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
   ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
   Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
   ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
   TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com