Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CMMX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CMMX
Description  CMOS Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CMMX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC555CMMX Datasheet HTML 3Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 4Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 5Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 6Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 7Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 8Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 9Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 10Page - National Semiconductor (TI) LMC555CMMX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Information (Continued)
PULSE POSITION MODULATOR
This application uses the timer connected for astable opera-
tion, as in Figure 10, with a modulating signal again applied
to the control voltage terminal. The pulse position varies with
the modulating signal, since the threshold voltage and hence
the time delay is varied. Figure 11 shows the waveforms
generated for a triangle wave modulation signal.
50% DUTY CYCLE OSCILLATOR
The frequency of oscillation is
f = 1/(1.4 R
CC)
micro SMD Marking Orientation
Top View
00866923
Bumps are numbered counter-clockwise
00866915
VCC = 5V
Top Trace: Modulation 1 V/Div.
TIME = 0.2 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 9.1 kΩ
C = 0.01 µF
FIGURE 9. Pulse Width Modulator Waveforms
00866921
FIGURE 10. Pulse Position Modulator
00866916
VCC = 5V
Top Trace: Modulation Input 1 V/Div.
TIME = 0.1 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 3.9 kΩ
RB =3kΩ
C = 0.01 µF
FIGURE 11. Pulse Position Modulator Waveforms
00866906
FIGURE 12. 50% Duty Cycle Oscillator
www.national.com
7


Similar Part No. - LMC555CMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CMMX NSC-LMC555CMMX Datasheet
318Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CMMX TI-LMC555CMMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
LMC555CMMX TI1-LMC555CMMX Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
LMC555CMMX/NOPB TI-LMC555CMMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
LMC555CMMX/NOPB TI1-LMC555CMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
More results

Similar Description - LMC555CMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com