Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR4171P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTR4171P
Description  Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR4171P Datasheet(HTML) 4 Page - ON Semiconductor

  NTR4171P Datasheet HTML 1Page - ON Semiconductor NTR4171P Datasheet HTML 2Page - ON Semiconductor NTR4171P Datasheet HTML 3Page - ON Semiconductor NTR4171P Datasheet HTML 4Page - ON Semiconductor NTR4171P Datasheet HTML 5Page - ON Semiconductor NTR4171P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTR4171P
http://onsemi.com
4
TYPICAL CHARACTERISTICS
QGS
−VDS
QT
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
30
25
20
15
10
5.0
0
0
100
300
500
600
900
1000
1100
14
12
10
8.0
6.0
4.0
2.0
0
0
2.0
4.0
6.0
8.0
10
12
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1.0
1.0
10
100
1000
1.1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.1
1.0
10
Figure 11. Threshold Voltage
Figure 12. Single Pulse Maximum Power
Dissipation
TJ, TEMPERATURE (°C)
SINGLE PULSE TIME (s)
125
100
75
50
25
0
−25
−50
0.6
0.7
0.8
0.9
1.0
1.2
1.4
1.5
1000
100
10
1.0
0.1
0.01
0.001
0
5.0
10
15
20
25
30
800
700
400
200
Ciss
Coss
Crss
VGS = 0 V
TJ = 25°C
f = 1 MHz
16
VDS = −15 V
TJ = 25°C
ID = −3.5 A
0
2.0
4.0
6.0
8.0
10
12
14
16
−VGS
QGD
VGS = −10 V
VDD = −15 V
ID = −3.5 A
td(off)
td(on)
tf
tr
1.0
1.2
TJ = 25°C
TJ = 125°C
TJ = −55°C
TJ = 150°C
150
ID = −250 mA
1.1
1.3


Similar Part No. - NTR4171P

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
NTR4171P ZPSEMI-NTR4171P Datasheet
196Kb / 2P
   Power MOSFET
logo
ON Semiconductor
NTR4171P ONSEMI-NTR4171P Datasheet
141Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 2
NTR4171PT1G ONSEMI-NTR4171PT1G Datasheet
141Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTR4171PT1G VBSEMI-NTR4171PT1G Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTR4171PT1G UMW-NTR4171PT1G Datasheet
442Kb / 6P
   P−CHANNEL MOSFET
More results

Similar Description - NTR4171P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
   Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
   ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NVF2955PT1G ONSEMI-NVF2955PT1G Datasheet
116Kb / 5P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
   TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
   ??0 V, ??.3 A, P?묬hannel SOT??3 Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com