Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3760EFETRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3760EFETRPBF
Description  8-Channel100mA LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3760EFETRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3760EFETRPBF Datasheet HTML 1Page - Linear Technology LT3760EFETRPBF Datasheet HTML 2Page - Linear Technology LT3760EFETRPBF Datasheet HTML 3Page - Linear Technology LT3760EFETRPBF Datasheet HTML 4Page - Linear Technology LT3760EFETRPBF Datasheet HTML 5Page - Linear Technology LT3760EFETRPBF Datasheet HTML 6Page - Linear Technology LT3760EFETRPBF Datasheet HTML 7Page - Linear Technology LT3760EFETRPBF Datasheet HTML 8Page - Linear Technology LT3760EFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT3760

3760f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3760E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the
-40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GATE DRIVER
GATE Driver Output Rise Time
VIN = 12V, CL = 3300pF (Note 4)
30
nS
GATE Driver Output Fall Time
VIN = 12V, CL = 3300pF (Note 4)
30
nS
GATE Output Low
IGATE= 0µA
0.1
V
GATE Output High
INTVCC = VIN = 7V
IGATE = 0µA
6.95
V
OUTPUT VOLTAGE
VOUT Over Voltage Protection (OVP) Regulation Voltage
OVPSET = 0.22V
OVPSET = 1V
12.5
57
V
V
OVPSET Input Current (Out of Pin)
OVPSET = 0.22V, VOUT =12V
40
200
nA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 6V, RISET =14.7k unless otherwise noted.
Typical perForMance characTerisTics
LED Current
vs Junction Temperature
LED Current
vs CTRL Pin Voltage
LT3760I is guaranteed to meet performance specifications from
-40°C to 125°C junction temperature.
Note 3: For Maximum Operating Ambient Temperature, see
Thermal Calculations in the Applications Information section.
Note 4: GATE rise and fall times are measured between 10% and 90%
of INTVCC voltage.
Note 5: See Duty Cycle Considerations in the Applications Information.
TA = 25°C, unless otherwise noted.
JUNCTION TEMERATURE (°C)
–50 –25
0.8
0.4
0.0
–0.4
–0.8
100
0
25
3760 G01
125
50
75
RISET = 14.7k (I(LED) = 40mA)
Worst-Case Channels LED
Current Matching
(Normalized to 8-Channel Average)
JUNCTION TEMERATURE (°C)
–50
42
40
41
39
38
75
25
3760 G02
125
50
0
100
–25
RISET = 14.7k
CTRL (V)
0.00
110
20
10
100
80
60
40
90
70
50
30
0
0.75
1.25
1.00
3760 G03
1.50
0.50
0.25
RISET =
5.76k
7.32k
9.76k
14.7k
29.4k


Similar Part No. - LT3760EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3760 LINER-LT3760 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3760 LINER-LT3760 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_12 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
More results

Similar Description - LT3760EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760_12 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ Datasheet
331Kb / 3P
   100mA | LED Driver
AMLB-IZ AIMTEC-AMLB-IZ_16 Datasheet
160Kb / 3P
   100mA | LED Driver
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
   27ch 100mA LED Driver IC
AP4203 AKM-AP4203 Datasheet
863Kb / 28P
   15ch 100mA LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com