Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6550 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6550
Description  Differential, High Speed Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6550_06 Datasheet HTML 3Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 4Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 5Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 6Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 7Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 9Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 10Page - National Semiconductor (TI) LMH6550_06 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics (T
A = 25˚C, VS = ±5V, RL = 500
Ω,R
F = 365
Ω,A
V = +1; Un-
less Specified).
Frequency Response vs. Supply Voltage
Frequency Response
20130114
20130115
Frequency Response vs. V
OUT
Frequency Response vs. Gain
20130116
20130134
Frequency Response vs. Capacitive Load
Suggested R
OUT vs. Cap Load
20130121
20130122
www.national.com
7


Similar Part No. - LMH6550_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550MA NSC-LMH6550MA Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550MA TI1-LMH6550MA Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
LMH6550MA/NOPB TI1-LMH6550MA/NOPB Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH6550MANOPB NSC-LMH6550MANOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results

Similar Description - LMH6550_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com