Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTFS4937N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTTFS4937N
Description  Power MOSFET 30 V, 75 A, Single N?묬hannel, 8FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS4937N Datasheet(HTML) 3 Page - ON Semiconductor

  NTTFS4937N Datasheet HTML 1Page - ON Semiconductor NTTFS4937N Datasheet HTML 2Page - ON Semiconductor NTTFS4937N Datasheet HTML 3Page - ON Semiconductor NTTFS4937N Datasheet HTML 4Page - ON Semiconductor NTTFS4937N Datasheet HTML 5Page - ON Semiconductor NTTFS4937N Datasheet HTML 6Page - ON Semiconductor NTTFS4937N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTTFS4937N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 10 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
9.8
ns
Rise Time
tr
19.8
Turn−Off Delay Time
td(off)
28.8
Fall Time
tf
4.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 20 A
TJ = 25°C
0.85
1.1
V
TJ = 125°C
0.75
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 20 A
38.5
ns
Charge Time
ta
20.2
Discharge Time
tb
18.2
Reverse Recovery Charge
QRR
33
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
0.38
nH
Drain Inductance
LD
0.054
Gate Inductance
LG
1.3
Gate Resistance
RG
1.1
2.0
W
5. Pulse Test: pulse width = 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTTFS4937N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4937NTAG ONSEMI-NTTFS4937NTAG Datasheet
122Kb / 7P
   Power MOSFET
January, 2013 ??Rev. 3
NTTFS4937NTWG ONSEMI-NTTFS4937NTWG Datasheet
122Kb / 7P
   Power MOSFET
January, 2013 ??Rev. 3
NTTFS4937N ONSEMI-NTTFS4937N_13 Datasheet
122Kb / 7P
   Power MOSFET
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com