Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN25100 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN25100
Description  2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN25100 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SCAN25100 Datasheet HTML 1Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 2Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 3Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 4Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 5Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 6Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 7Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 8Page - National Semiconductor (TI) SCAN25100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
//htmlimg2.alldatasheet.net/htmldatasheet2/316139/NSC/SCAN25100/118/2/SCAN25100.png


Similar Part No. - SCAN25100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN25100 NSC-SCAN25100 Datasheet
521Kb / 3P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
SCAN25100TYA NSC-SCAN25100TYA Datasheet
521Kb / 3P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Texas Instruments
SCAN25100TYA/NOPB TI1-SCAN25100TYA/NOPB Datasheet
334Kb / 38P
[Old version datasheet]   SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
SCAN25100TYAX/NOPB TI1-SCAN25100TYAX/NOPB Datasheet
334Kb / 38P
[Old version datasheet]   SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
National Semiconductor ...
SCAN25100_0611 NSC-SCAN25100_0611 Datasheet
328Kb / 14P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
More results

Similar Description - SCAN25100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN25100_0611 NSC-SCAN25100_0611 Datasheet
328Kb / 14P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
SCAN25100 NSC-SCAN25100 Datasheet
521Kb / 3P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Texas Instruments
SCAN25100 TI1-SCAN25100_16 Datasheet
334Kb / 38P
[Old version datasheet]   SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
National Semiconductor ...
SCAN12100 NSC-SCAN12100 Datasheet
348Kb / 14P
   1228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Analog Devices
ADN2905 AD-ADN2905 Datasheet
666Kb / 27P
   CPRI and 10G Ethernet Data Recovery IC with Amp/EQ from 614.4 Mbps to 10.3125 Gbps
logo
Source Photonics, Inc.
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
   Support 614.4 - 2457.6Mbps CPRI multi rate
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
   Monitor OSD with Auto-calibration
logo
Silicon Laboratories
SI1010-A SILABS-SI1010-A Datasheet
986Kb / 2P
   Auto-frequency calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com