Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEGA220A1 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BEGA220A1
Description  Display Embedded System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BEGA220A1 Datasheet(HTML) 1 Page - Bolymin, Inc

  BEGA220A1 Datasheet HTML 1Page - Bolymin, Inc BEGA220A1 Datasheet HTML 2Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BEGA220A
Display Embedded System
1
BOLYMIN, INC.
16 / 32 bit RISC architecture ARM926EJ RISC CPU core
OS Memory
Processor
WINCE 5.0 with 2GB NAND Flash memory
System Memory
512K Byte SRAM
Serial Port
USB Ports
Support 2 x 3-wired DMA-based operation UART
Support 1 x USB host compatible with USB 1.1
Support 1 x USB device compatible USB 2.0
Hardware Specifications
64-way associative cache with I-cache (16KB) and
D-cache(16KB)
400MHz CPU clock
16 bit 64MB 133MHz DDRII memory
1 x RS485 / 422 isolated communication port
1 x high speed SPI interface
SD/MMC Card Socket
Support SD / MMC host interface
Compatible with SD memory protocol and SD media card
protocol
Audio Codec
Support DSP based processing stereo codec with SNR
102dB DAC / differential microphone input
Software programmable volume control and mute control
Dual channels 2 watts speaker output
GPIO
Support 12 x interrupted based IO sharing with Key board
interface
ADC(option)
Support 6 x channel 12-bit high speed A / D converter
Key Pads Interface(option)
Support 12 Interrupted based IO
Touch Panel Interface
Support 4-wired resistive type touch panel interface
Power Requirement
DC9V~28V power requirement with short circuit
protection
WLAN Module(option)
Support WLAN module compliant with IEEE 802.11b/g
Operating on 2.4GHz ISM radio band
Wi-Fi compliant
High performance 16-bit 10 / 100 Ethernet controller fully
Ethernet Controller
compliant with IEEE 802.3 / 802.3u standards
RJ45 connector with active and link LED indicators
Display
Support 16M color TFT at 24bpp mode with resolution
800 x 480
LED backlight supported
1 x Host USB / 1 x Device USB
400MHz 32 bit RISC architecture
ARM926EJ CPU core
2GB NAND Flash / 64MB DDRII memory
LCD controller supporting RGB maximum
16M color at 24bpp
WINCE 5.0 OS
On board 10 / 100Mbps high performance
Ethernet with RJ45
1 x isolated RS485 / 422
3 x RS232 / 1 x SPI
12 programmable IO
Audio codec with dual channels amplifiers
6 x Channels ADC and one 4-wired touch panel
9V~28V DC requirement
Features
VER:02
Operating Temperature
TFT -20°C ~ 70°C
T/P -20°C ~ 60°C


Similar Part No. - BEGA220A1

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20GH ZOWIE-BEGC20GH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20JH ZOWIE-BEGC20JH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20KH ZOWIE-BEGC20KH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20MH ZOWIE-BEGC20MH Datasheet
48Kb / 2P
   High Efficient Rectifier
More results

Similar Description - BEGA220A1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
BEGV627M BOLYMIN-BEGV627M Datasheet
270Kb / 3P
   Display Embedded System
BEGV643A BOLYMIN-BEGV643A Datasheet
127Kb / 2P
   Display Embedded System
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
   Embedded System
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
   Mobile Embedded System
logo
DFI Inc
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
   Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
   Embedded Fanless System
logo
DFI Inc
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
   Gaming Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com