Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEGA220A3 Datasheet(PDF) 2 Page - Bolymin, Inc

Part # BEGA220A3
Description  Display Embedded System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BEGA220A3 Datasheet(HTML) 2 Page - Bolymin, Inc

  BEGA220A3 Datasheet HTML 1Page - Bolymin, Inc BEGA220A3 Datasheet HTML 2Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
BOLYMIN, INC.
www.bolymin.com.tw
BEGA220A
BEGA220A BLOCK DIAGRAM
NAND FLASH
CPU(ARM/400MHz)
DDRII
SRAM
EEPROM
SD/MMC Card
LCD
DC~DC
EAR
MIC
10/100 Eithernet
RS485/422
RS232 x 3
TOUCH IF x 4
SPI
USB x1
WiFi
IO x 12
(KEY x 12)
Audio
Codec
ADC x 6
AMP
Dual CH
EXT BUS 40 Pin
Parts NO.
WLAN
20Pin EXT Bus(IOx12,ADCx6)
BEGA220A1
BEGA220A
BEGA220A2
BEGA220A3
Order Information
Revised Date:3-SEP-2009 VER:02


Similar Part No. - BEGA220A3

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20GH ZOWIE-BEGC20GH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20JH ZOWIE-BEGC20JH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20KH ZOWIE-BEGC20KH Datasheet
48Kb / 2P
   High Efficient Rectifier
BEGC20MH ZOWIE-BEGC20MH Datasheet
48Kb / 2P
   High Efficient Rectifier
More results

Similar Description - BEGA220A3

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
BEGV627M BOLYMIN-BEGV627M Datasheet
270Kb / 3P
   Display Embedded System
BEGV643A BOLYMIN-BEGV643A Datasheet
127Kb / 2P
   Display Embedded System
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
   Embedded System
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
   Mobile Embedded System
logo
DFI Inc
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
   Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
   Embedded Fanless System
logo
DFI Inc
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
   Gaming Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com