Electronic Components Datasheet Search |
|
BEGV627M3 Datasheet(PDF) 1 Page - Bolymin, Inc |
|
BEGV627M3 Datasheet(HTML) 1 Page - Bolymin, Inc |
1 / 3 page BOLYMIN, INC. Hardware Specifications Features High performance, Low power PIC 16-bit microprocessor Built-in 64KB ISP Flash memory / 8KB SRAM On board updateable 64KB EEPROM (128KB option) 1 x RS485 / 422 / 232, 1 x RS232 Current consumption 180mA On-chip power-on reset (POR) and programmable watchdog reset 128 x 64 monochrome STN LCD Comprehensive set of development tools and application notes for self programming RS485 / 422 / 232 driver, I²C EEPROM driver, touch panel driver, LCM driver and utility are supported Dimension (W x H x D): 93 x 70 x 15mm Microchop PIC24FJ64GA002 16-bit microprocessor 64KB in-system programmable flash 8KB internal SRAM 64KB x 1 external I²C CMOS EEPROM (option: 64KBx2) Support I²C 128 x 64 monochrome STN LCD (edge LED white backlight) Memory Processor Display Interface RS232 / 422 / 485 Port Support dual serial port, one is three-wired RS232, another is shared in among RS232/422/485 port by option Support four-wired resisitive touch panel interface Support RS232 / 422 / 485 driver, I²C EEPROM driver, touch panel driver, and LCM driver for free DC4.5V~5.5V Touch Panel Interface Software Utilities DC Requirement VER:04 1 12 pins Connector EEPROM RS232 PIC24F Microprocessor RS422 RS485 T/P Connector ISP port BEGV627M Display Embedded System w Your 64KB application software here! |
Similar Part No. - BEGV627M3 |
|
Similar Description - BEGV627M3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |