Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP4114UPXV6 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NUP4114UPXV6
Description  Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4114UPXV6 Datasheet(HTML) 5 Page - ON Semiconductor

  NUP4114UPXV6 Datasheet HTML 1Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 2Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 3Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 4Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 5Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 6Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 7Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 8Page - ON Semiconductor NUP4114UPXV6 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NUP4114UPXV6
http://onsemi.com
5
APPLICATIONS INFORMATION
The new NUP4114UPXV6 is a low capacitance TVS
diode array designed to protect sensitive electronics such as
communications systems, computers, and computer
peripherals against damage due to ESD events or transient
overvoltage conditions. Because of its low capacitance, it
can be used in high speed I/O data lines. The integrated
design of the NUP4114UPXV6 offers surge rated, low
capacitance steering diodes and a TVS diode integrated in
a single package (SOT−563). If a transient condition occurs,
the steering diodes will drive the transient to the positive rail
of the power supply or to ground. The TVS device protects
the power line against overvoltage conditions to avoid
damage to the power supply and any downstream
components.
NUP4114UPXV6 Configuration Options
The NUP4114UPXV6 is able to protect up to four data
lines against transient overvoltage conditions by driving
them to a fixed reference point for clamping purposes. The
steering diodes will be forward biased whenever the voltage
on the protected line exceeds the reference voltage (Vf or
VCC + Vf). The diodes will force the transient current to
bypass the sensitive circuit.
Data lines are connected at pins 1, 3, 4 and 6. The negative
reference is connected at pin 2. This pin must be connected
directly to ground by using a ground plane to minimize the
PCB’s ground inductance. It is very important to reduce the
PCB trace lengths as much as possible to minimize parasitic
inductances.
Option 1
Protection of four data lines and the power supply using
VCC as reference.
6
5
4
1
2
3
I/O 1
I/O 2
I/O 3
I/O 4
VCC
For this configuration, connect pin 5 directly to the
positive supply rail (VCC), the data lines are referenced to
the supply voltage. The internal TVS diode prevents
overvoltage on the supply rail. Biasing of the steering diodes
reduces their capacitance.
Option 2
Protection of four data lines with bias and power supply
isolation resistor.
VCC
10 k
6
5
4
1
2
3
I/O 1
I/O 2
I/O 3
I/O 4
The NUP4114UPXV6 can be isolated from the power
supply by connecting a series resistor between pin 5 and
VCC. A 10 kW resistor is recommended for this application.
This will maintain a bias on the internal TVS and steering
diodes, reducing their capacitance.
Option 3
Protection of four data lines using the internal TVS diode
as reference.
6
5
4
1
2
3
I/O 1
I/O 2
I/O 3
I/O 4
NC
In applications lacking a positive supply reference or
those cases in which a fully isolated power supply is
required, the internal TVS can be used as the reference. For
these applications, pin 5 is not connected. In this
configuration, the steering diodes will conduct whenever the
voltage on the protected line exceeds the working voltage of
the TVS plus one diode drop (VC = Vf + VTVS).
ESD Protection of Power Supply Lines
When using diodes for data line protection, referencing to
a supply rail provides advantages. Biasing the diodes
reduces their capacitance and minimizes signal distortion.
Implementing this topology with discrete devices does have
disadvantages. This configuration is shown below:


Similar Part No. - NUP4114UPXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4114UPXV6T1G ONSEMI-NUP4114UPXV6T1G Datasheet
174Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low
May, 2012 ??Rev. 2
NUP4114UPXV6T1G ONSEMI-NUP4114UPXV6T1G Datasheet
138Kb / 9P
   Transient Voltage Suppressors
September, 2014 ??Rev. 3
More results

Similar Description - NUP4114UPXV6

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com