Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEGV639M3 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BEGV639M3
Description  Display Embedded System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BEGV639M3 Datasheet(HTML) 1 Page - Bolymin, Inc

  BEGV639M3 Datasheet HTML 1Page - Bolymin, Inc BEGV639M3 Datasheet HTML 2Page - Bolymin, Inc BEGV639M3 Datasheet HTML 3Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BOLYMIN, INC.
Hardware Specifications
Features
High performance, Low power PIC 16-bit microprocessor
Built-in 64KB ISP Flash memory / 8KB SRAM
On board updateable 64KB EEPROM (128KB option)
1 x RS485 / 422 / 232, 1 x RS232
High speed I²C
Built-in 4-wired resistive touch panel
Current consumption 160mA
240 x 64 monochrome STN LCD
On-chip power-on reset(POR) and programmable
watchdog reset
Comprehensive set of development tools and
application notes for self programming
RS485 / 422 / 232 driver, I²C driver,
touch panel driver, LCM driver and utility are
supported
Dimension (W x H x D): 180 x 65 x 19mm
Microchip PIC24FJ64GA004 16-bit microprocessor
64KB in-system programmable flash
8KB internal SRAM
64KB x 1 external I²C CMOS EEPROM (option: 64KBx2)
Support 8-bit scan 240 x 64 monochrome STN LCD
(edge LED white backlight)
Support dual serial port, one is three-wired RS232,
another is shared in among RS232/422/485 port
by option
Memory
Processor
Display Interface
RS232 / 422 / 485 Port
One two-wired serial interface (I²C) 250KHz data
transfer speed
Support four-wired resisitive touch panel interface
Support RS232 / 422 / 485 driver, I²C driver, touch
panel driver and LCM driver for free
DC4.5V~5.5V
Software Utilities
Serial Peripheral Interface
Touch Panel Interface
DC Requirement
VER:04
1
BEGV639M
Display Embedded System
LCD Controller
18pins Connector
EEPROM
RS232
PIC24F
Microprocessor
T/P Connector
RS422
RS485
er
Your 64KB
application program
here!
ISP port


Similar Part No. - BEGV639M3

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV639M BOLYMIN-BEGV639M_17 Datasheet
3Mb / 1P
   High Performance Low power Pic 16-bit microprocessor
More results

Similar Description - BEGV639M3

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
BEGV627M BOLYMIN-BEGV627M Datasheet
270Kb / 3P
   Display Embedded System
BEGV643A BOLYMIN-BEGV643A Datasheet
127Kb / 2P
   Display Embedded System
BEGA220A BOLYMIN-BEGA220A Datasheet
104Kb / 2P
   Display Embedded System
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
   Embedded System
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
   Mobile Embedded System
logo
DFI Inc
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
   Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
   Embedded Fanless System
logo
DFI Inc
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
   Gaming Embedded System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com