Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEGV641N1 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BEGV641N1
Description  Display Embedded System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BEGV641N1 Datasheet(HTML) 1 Page - Bolymin, Inc

  BEGV641N1 Datasheet HTML 1Page - Bolymin, Inc BEGV641N1 Datasheet HTML 2Page - Bolymin, Inc BEGV641N1 Datasheet HTML 3Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BOLYMIN, INC.
Hardware Specifications
Features
High performance, Low power NEC 8-bit microprocessor
Built-in 60KB ISP Flash memory / 3KB RAM
On board updateable 128KB EEPROM
One isolated RS485 / 422 / 232, 1 x RS232
Lower voltage operation to 3.3V
Built-in 4-wired resistive touch panel
240 x 128 monochrome STN LCD
Built-in JIS Level 1 & 2 Kanji ROM
On-chip power-on reset (POR) and programmable
watchdog reset
Comprehensive set of development tools and
application notes for self programming
RS485 / 422 / 232 driver, I²C driver, touch panel
driver, LCM driver and utility are supported
Dimension (W x H x D): 144 x 104 x 20mm
NEC
PD78F0525A 8-bit microprocessor
60KB in-system programmable flash
High-speed RAM 1KB
Expansion RAM 2KB
64KB x 2 external I²C CMOS EEPROM (option: 64KBx3)
Support 8-bit single scan 240 x 128 monochrome
STN LCD (edge LED white backlight)
Built-in JIS Level 1 & 2 Kanji ROM
Memory
Processor
Display Interface
RS232 / 422 / 485 Port
Support dual serial port, one is three-wired RS232,
another is shared in among RS232 / isolated
RS422 / isolated RS485 port by option
One two-wired serial interface(I²C) up to
250KHz data transfer speed
Support four-wired resisitive touch panel interface
Support RS232 / 422 / 485 driver, I²C driver,
touch panel driver, and LCM driver for free
DC3.3V~5.5V
Serial Peripheral Interface
Touch Panel Interface
Software Utilities
DC Requirement
RS422
RS485
RS232
LCD
Controller
NEC
Microprocessor
B / L
EEPROM
26 pins Connector
T/P Connector
ISP Port
VER:01
1
BEGV641N
Display Embedded System
N
r
Your 60KB
application program
here!


Similar Part No. - BEGV641N1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV641A BOLYMIN-BEGV641A_17 Datasheet
1Mb / 1P
   High performance, Low power AVR 8-bit microprocessor
More results

Similar Description - BEGV641N1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
BEGV627M BOLYMIN-BEGV627M Datasheet
270Kb / 3P
   Display Embedded System
BEGV643A BOLYMIN-BEGV643A Datasheet
127Kb / 2P
   Display Embedded System
BEGA220A BOLYMIN-BEGA220A Datasheet
104Kb / 2P
   Display Embedded System
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
   Embedded System
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
   Mobile Embedded System
logo
DFI Inc
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
   Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
   Embedded Fanless System
logo
DFI Inc
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
   Gaming Embedded System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com