Electronic Components Datasheet Search |
|
BEGV643A3 Datasheet(PDF) 1 Page - Bolymin, Inc |
|
BEGV643A3 Datasheet(HTML) 1 Page - Bolymin, Inc |
1 / 2 page BOLYMIN, INC. Hardware Specifications Features High performance, Low power AVR 8-bit microprocessor Built-in 64KB Flash memory / 4KB SRAM On board updateable 128KB EEPROM One isolated RS485 / 422 / 232, 1 x RS232 High speed SPI and I²C Lower voltage operation to 3.3V Built-in 4-wired resistive touch panel Current consumption 180mA 320 x 240 monochrome STN LCD On-chip power-on reset(POR) and programmable watchdog reset Comprehensive set of development tools and application notes for self programming RS485 / 422 / 232 driver, SPI driver, I²C driver, Touch panel driver, LCM driver and Utility are supported Dimension (W x H x D): 160 x 109 x 16.5mm High performance,Low power AVR 8-bit microprocessor 64KB In-system programmable flash 2KB Internal EEPROM 4KB Internal SRAM 64KB x 2 External I²C CMOS EEPROM (option: 64KBx3) Support 8-bit single scan with resolution 320 x 240 Monochrome STN LCD, edge LED white backlight only Support dual serial port, one is three-wired RS232, another is shared with RS422 and RS485 port Memory Processor Display Interface Serial Port RS232 / 422 / 485 Port Support one port shard between with RS232 isolated RS422 and isolated RS485 One full-duplex, three-wired synchronous data transfer SPI port One two-wired serial interface(I²C) to 250KHz data transfer speed Support four-wired resisitive touch panel interface Support RS232 / 422 / 485 driver, SPI driver I²C driver, Touch panel and LCM driver DC3.3V~5.5V Serial Peripheral Interface Touch Panel Interface Software Utilities DC Requirement VER:03 1 BEGV643A Display Embedded System LCD Controller Connector EEPROM RS232 Microprocessor T/P Connector RS422 |
Similar Part No. - BEGV643A3 |
|
Similar Description - BEGV643A3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |