Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEMA103A Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BEMA103A
Description  Automatic Vehicle Locator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BEMA103A Datasheet(HTML) 1 Page - Bolymin, Inc

  BEMA103A Datasheet HTML 1Page - Bolymin, Inc BEMA103A Datasheet HTML 2Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BOLYMIN, INC.
VER:02
1
BEMA103A
Automatic Vehicle Locator
ARM 32-bit Cortex-M3 CPU
128KB Flash Memory
16KB SRAM Memory
64K-bit no delay RAM (option)
Tri-Band wireless module supporting 900 / 1800 /
1900MHz default (or 850 / 1800 / 1900MHz option)
Support Voice / SMS / CS Data / GPRS mode
Built-in TCP / IP with stack-speed design, for M2M application
Support passive antenna
Hand-free design (option)
Support GPS module (with 50-channel receiver
engine), and active antenna
Support GGA / RMC / TXT / GLL / GSA / GSV / VTG message
Sensitivity of tracking: -158~-160dBm
Low battery / Event occurred / GSM TX / GPS active
Support 1 x power-in, 1 x AD-in, 1 x RS232, and
5 x IO ports on Micro-fit connector
5 photocoupler IO port (2 x input ports and
3 output ports, with external power support)
Support 1 x DMA-based operation three wired
serial port, for update and system configuring
Support one interface for 4 x 4 key-matrix or
4-wired resistive touch panel
Support 8-bit single scan 128 x 64 resolution
monochrome STN LCD
Support +4.2V / 1400mAh polymer battery and
Auto Battery Charger circuit
DC +9V~32V power requirement
with short-circuit protection
-20°c to +80°c
Hardware Specifications
Memory
Processor
GSM Module with Antenna
IO
Serial Ports
Keypad / Touch panel Interface
STN LCD Display
Battery Charger (option)
Power Requirement
Operating Temperature
GPS Module Antenna
System Indicators
External Connectors
Low power ARM 32-bit Cortex–M3 CPU
256KB Flash and 48KB SRAM
On board GSM
GPS Module (option)
Built-in Battery Charger circuit
5 x IO port / 1 x AD-in port / 2 x RS232 port
Key-matrix (or touch panel) interface
128 x 64 STN LCD
Wide temperature operation
Features
GSM Antenna
GPS Antenna
GPS A
LED Indicator
Micro-fit connector
Power switch


Similar Part No. - BEMA103A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEMA101A BOLYMIN-BEMA101A Datasheet
225Kb / 2P
   Automatic Vehicle Locator
BEMA101A1 BOLYMIN-BEMA101A1 Datasheet
225Kb / 2P
   Automatic Vehicle Locator
BEMA101A2 BOLYMIN-BEMA101A2 Datasheet
225Kb / 2P
   Automatic Vehicle Locator
More results

Similar Description - BEMA103A

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEMA101A BOLYMIN-BEMA101A Datasheet
225Kb / 2P
   Automatic Vehicle Locator
logo
Advantech Co., Ltd.
VITA-350P ADVANTECH-VITA-350P Datasheet
414Kb / 2P
   Automatic Vehicle Location Device with GPS, GPRS, DI/O, RS232, LVDS
logo
Suntsu Electronics, Inc...
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
   Vehicle Tracking
logo
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
   Vehicle Tracker
logo
Suntsu Electronics, Inc...
SATOA-84A84A14G-CMB1 SUNTSU-SATOA-84A84A14G-CMB1 Datasheet
294Kb / 3P
   Vehicle Tracking
SATOA-150A64A17A-CMB5 SUNTSU-SATOA-150A64A17A-CMB5 Datasheet
3Mb / 8P
   Vehicle Tracking
SATOA-50A50A48A-CMB1 SUNTSU-SATOA-50A50A48A-CMB1 Datasheet
1Mb / 3P
   Vehicle Tracking
logo
List of Unclassifed Man...
DSP-10 ETC1-DSP-10 Datasheet
150Kb / 2P
   Vehicle Detector
logo
Power System Technology
PST17 PST-PST17 Datasheet
254Kb / 4P
   Industrial, communication, vehicle
logo
Laird Tech Smart Techno...
TR-X LSTD-TR-X Datasheet
539Kb / 2P
   Stolen vehicle recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com