Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BETA903A3 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BETA903A3
Description  Mobile Data Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BETA903A3 Datasheet(HTML) 1 Page - Bolymin, Inc

  BETA903A3 Datasheet HTML 1Page - Bolymin, Inc BETA903A3 Datasheet HTML 2Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
BOLYMIN, INC.
BETA903A
Mobile Data Terminal
Hardware Specifications
32 bit RISC architecture ARM926EJ CPU core
OS Memory
Processor
64-way associative cache with I-cache (16KB)
and D-cache (16KB)
400MHz CPU clock
WINCE 5.0 with 2GB NAND Flash memory
thermal protection
Battery Power ( option Top: TFT -20°C - 70°C )
Support 2200/4400mAh polymer battery with low voltage and
and auto-termination charger
Support constant voltage regulation / constant current charging
Power Requirement
DC9V~DC28V power requirement with short-circuit protection
Chassis
Provide ABS 94V0 chassis with 2 x serial ports , 1 x 8 isolated IO,
2 x USB device , 1 x USB host , 1 x DC Power port and
1 x Power switch
Built-in metal or equivalence for EMC / EMI
GPS Module
Support GPS module with 16 channels ANTARIS 4 receiver
engine (or 50 channels receiver engine) with passive antenna
Support GGA / RMC / TXT / GLL / GSA / GSV / VTG message
Sensitivity of tracking -158dBm ~ -160dBm
Support active antenna
Display
Support 16M color TFT at 18bpp mode with resolution 800 x 480
or equvalence
LED backlight supported
External Setting Connector
Support JTAG for debug and USB (device) for
system setting
USB Ports
Support 1 x USB host compatible with USB 1.1
Audio Codec
Support DSP based processing stereo codec with
SNR 102dB DAC / differential microphone input
Software programmable volume control and mute
control
Dual channels 2 watts speaker output
GPIO
Support 4 photo-couple input and 4 photo-couple
output
Key Pads
Support 8 interrupted based capacitive touch sensor
keys with LED backlight
Serial Ports
Support 2 x 3-wired DMA-based operation UART
One UART fully compatible 16C550
SD / MMC Card Socket
Support SD / MMC host interface
Compatible with SD memory protocol and SD
media card protocol
Operating Temperature
Industrial: TFT -20°C ~ 85°C
T/P -20°C ~ 60°C
Car: TFT -30°C ~ 80°C
T/P -30°C ~ 80°C
System Memory
16-bit 64MB / 133MHz DDRII memory
GSM Module
Siemens Tri-Band wireless module supporting 900/1800/1900MHz
default(or 850 / 1800 / 1900MHz )
Support Voice / SMS / CS Data / GPRS mode
Built-in TCP / IP stack speed design of M2M application
Support passive antenna
7” TFT 16:9 display with 800 x 480 resolution
DSP based audio codec via IIS-bus interface
Built-in 2W amplifier / earphone
Support SD / HS-MMC card
4-wired touch panel interface(option)
9V~28V DC requirement
Backup charger circuit inside
With car holder
On board GSM / GPS module
400MHz 32bit RISC architecture ARM926EJ CPU core
2GB NAND Flash / 64 MB DDRII / 512KB SRAM
8 interruptible key pad
WINCE5.0 OS
4 x IO / 1 x Host USB / Device USB / 3 x RS232
Features
VER:02


Similar Part No. - BETA903A3

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
BETM-2A-1500 MERRIMAC-BETM-2A-1500 Datasheet
258Kb / 1P
   BIPHASE MODULATORS
BETM-2A-250 MERRIMAC-BETM-2A-250 Datasheet
258Kb / 1P
   BIPHASE MODULATORS
BETM-2A-500 MERRIMAC-BETM-2A-500 Datasheet
258Kb / 1P
   BIPHASE MODULATORS
More results

Similar Description - BETA903A3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-773R-00A0E ADVANTECH-TREK-773R-00A0E Datasheet
595Kb / 2P
   7" All-in-One Mobile Data Terminal
TREK-753 ADVANTECH-TREK-753_16 Datasheet
683Kb / 2P
   7" Mobile Data Terminal with Intel Atom
TREK-722 ADVANTECH-TREK-722_14 Datasheet
1Mb / 2P
   RISC All-in-One Mobile Data Terminal
TREK-722R-A1E ADVANTECH-TREK-722R-A1E Datasheet
1Mb / 2P
   RISC All-in-One Mobile Data Terminal
TREK-722 ADVANTECH-TREK-722 Datasheet
999Kb / 2P
   RISC All-in-One Mobile Data Terminal
TREK-743 ADVANTECH-TREK-743_11 Datasheet
1Mb / 2P
   7" All-in-one Mobile Data Terminal
TREK31E ADVANTECH-TREK31E Datasheet
683Kb / 2P
   7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK36E ADVANTECH-TREK36E Datasheet
683Kb / 2P
   7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK-753R-0A0E ADVANTECH-TREK-753R-0A0E Datasheet
665Kb / 2P
   7" Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK30E ADVANTECH-TREK30E Datasheet
683Kb / 2P
   7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com